Electronic Components Datasheet Search
  English  ▼

X  

UCD3138128APFCR Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138128APFCR
Description  UCD3138128A Highly-Integrated Digital Controller For Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138128APFCR Datasheet(HTML) 43 Page - Texas Instruments

Back Button UCD3138128APFCR Datasheet HTML 39Page - Texas Instruments UCD3138128APFCR Datasheet HTML 40Page - Texas Instruments UCD3138128APFCR Datasheet HTML 41Page - Texas Instruments UCD3138128APFCR Datasheet HTML 42Page - Texas Instruments UCD3138128APFCR Datasheet HTML 43Page - Texas Instruments UCD3138128APFCR Datasheet HTML 44Page - Texas Instruments UCD3138128APFCR Datasheet HTML 45Page - Texas Instruments UCD3138128APFCR Datasheet HTML 46Page - Texas Instruments UCD3138128APFCR Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 83 page
background image
Vdd
I BIAS
To ADC Mux
On/Off Control
AD00,
AD01
pin
Resistor to
set PMBus
Address
43
UCD3138128A
www.ti.com
SLUSC99 – JULY 2016
Product Folder Links: UCD3138128A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9.3.7.2.1
Example: PMBus Address Decode via ADC12 Reading
The user can allocate 2 pins of the 12-bit ADC input channels, AD_00 and AD_01, for PMBus address decoding.
At power-up the device applies IBIAS to each address detect pin and the voltage on that pin is captured by the
internal 12-bit ADC.
Figure 30. PMBUS Address Detection Method
PMBus/I2C address 0x7E is a reserved address and should not be used in a system using the UCD3138xA. This
address is used for manufacturing test.
9.3.7.3 SPI
The SPI is a high-speed synchronous serial input/output port that allows a serial bit stream of programmed length
(1 to 16 bits) to be shifted into and out of the device at a programmed bit-transfer rate. The SPI is normally used
for communication between the UCD3138xA and external peripherals. Typical applications include an interface to
external I/O or peripheral expansion via devices such as shift registers, display drivers, SPI EPROMs and
analog-to-digital converters. The SPI allows serial communication with other SPI devices through a 3-pin or 4-pin
mode interface. A typical use case of SPI is to be configured as a master for communicating to external
EEPROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com