Electronic Components Datasheet Search
  English  ▼

X  

UCD3138128APFCR Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138128APFCR
Description  UCD3138128A Highly-Integrated Digital Controller For Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138128APFCR Datasheet(HTML) 60 Page - Texas Instruments

Back Button UCD3138128APFCR Datasheet HTML 56Page - Texas Instruments UCD3138128APFCR Datasheet HTML 57Page - Texas Instruments UCD3138128APFCR Datasheet HTML 58Page - Texas Instruments UCD3138128APFCR Datasheet HTML 59Page - Texas Instruments UCD3138128APFCR Datasheet HTML 60Page - Texas Instruments UCD3138128APFCR Datasheet HTML 61Page - Texas Instruments UCD3138128APFCR Datasheet HTML 62Page - Texas Instruments UCD3138128APFCR Datasheet HTML 63Page - Texas Instruments UCD3138128APFCR Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 83 page
background image
60
UCD3138128A
SLUSC99 – JULY 2016
www.ti.com
Product Folder Links: UCD3138128A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9.5.2.1 Pseudo Code for ROM
-> If PFLASH[0], location 0 = 0xEA
-> If PFLASH[0] 2K/32K checksum is valid ==> Execute PFLASH[0}
-> Else,
-> If PFLASH[0-1] 64K checksum is valid ==> Execute PFLASH[0]
-> If PFLASH[0-3] 128K checksum is valid ==> Execute PFLASH[0]
-> If PFLASH[2], location 0 = 0xEA
-> If PFLASH[2], location 0 = 0xEA
-> Else If PFLASH[2], location 0 = 0xEA
-> PFLASH[2-3] 64K checksum is valid ==> Execute PFLASH[2]
-> Else
-> Stay in ROM mode
9.5.3 Customer Boot Program
As described above, it is possible to generate a user boot program using 2 kB or more of the Program Flash.
This can support things which the Boot ROM does not support, including:
•
Program download via UART – useful especially for applications where the UCD3138128A is isolated from
the host (that is, PFC)
•
Encrypted download – useful for code security in field updates.
•
PMBus download at different addresses
•
Different command formats
9.5.4 Flash Management
The device offers a variety of features providing for easy prototyping and easy flash programming. At the same
time, high levels of security are possible for production code, even with field updates. Standard firmware will be
provided for storing multiple copies of system parameters in data flash. This minimizes the risk of losing
information if data-flash programming is interrupted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com