Electronic Components Datasheet Search
  English  ▼

X  

UCD3138128APFCR Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138128APFCR
Description  UCD3138128A Highly-Integrated Digital Controller For Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138128APFCR Datasheet(HTML) 46 Page - Texas Instruments

Back Button UCD3138128APFCR Datasheet HTML 42Page - Texas Instruments UCD3138128APFCR Datasheet HTML 43Page - Texas Instruments UCD3138128APFCR Datasheet HTML 44Page - Texas Instruments UCD3138128APFCR Datasheet HTML 45Page - Texas Instruments UCD3138128APFCR Datasheet HTML 46Page - Texas Instruments UCD3138128APFCR Datasheet HTML 47Page - Texas Instruments UCD3138128APFCR Datasheet HTML 48Page - Texas Instruments UCD3138128APFCR Datasheet HTML 49Page - Texas Instruments UCD3138128APFCR Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 83 page
background image
ADC
Channels
S/H
12-bit SAR
ADC
12-bit SAR
ADC
ADC12 Block
ADC12
Control
ADC Channel
ADC
Averaging
Digital
Comparators
DPWM
Modules
ADC12 Registers
Analog
Comparators
ADC External Trigger (from pin)
46
UCD3138128A
SLUSC99 – JULY 2016
www.ti.com
Product Folder Links: UCD3138128A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
•
Post conversion averaging capability, ranging from 4X, 8X, 16X or 32X samples
•
Configurable triggering for ADC conversions from the following sources: firmware, DPWM rising edge,
ADC_EXT_TRIG pin or Analog Comparator results
•
Interrupt capability to embedded processor at completion of ADC conversion
•
Six digital comparators on the first 6 channels of the conversion sequence using either raw ADC data or
averaged ADC data
•
Two 10 µA current sources for excitation of PMBus addressing resistors
•
Dual sample and hold for accurate power measurement
•
Internal temperature sensor for temperature protection and monitoring
The control module (ADC12 Contol Block Diagram) contains the control and conversion logic for auto-
sequencing a series of conversions. The sequencing is fully configurable for any combination of 16 possible ADC
channels through an analog multiplexer embedded in the ADC12 block. Once converted, the selected channel
value is stored in the result register associated with the sequence number. Input channels can be sampled in any
desired order or programmed to repeat conversions on the same channel multiple times during a conversion
sequence. Selected channel conversions are also stored in the result registers in order of conversion, where the
result 0 register is the first conversion of a 16-channel sequence and result 15 register is the last conversion of a
16-channel sequence. The number of channels converted in a sequence can vary from 1 to 16.
Unlike EADC0 through EADC2, which are primarily designed for closing high speed compensation loops, the
ADC12 is not usually used for loop compensation purposes. The EADC converters have a substantially faster
conversion rate, thus making them more attractive for closed loop control. The ADC12 features make it best
suited for monitoring and detection of currents, voltages, temperatures and faults. Please see the Typical
Characteristics plots for the temperature variation associated with this function.
Figure 32. ADC12 Control Block Diagram
9.3.12 Miscellaneous Analog
The Miscellaneous Analog Control (MAC) Registers control and monitor a wide variety of functions. These
functions include device supervisory features such as Brown-Out and power saving configuration, general
purpose input/output configuration and interfacing, internal temperature sensor control and current sharing
control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com