Electronic Components Datasheet Search
  English  ▼

X  

UCD3138128APFCR Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138128APFCR
Description  UCD3138128A Highly-Integrated Digital Controller For Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138128APFCR Datasheet(HTML) 65 Page - Texas Instruments

Back Button UCD3138128APFCR Datasheet HTML 61Page - Texas Instruments UCD3138128APFCR Datasheet HTML 62Page - Texas Instruments UCD3138128APFCR Datasheet HTML 63Page - Texas Instruments UCD3138128APFCR Datasheet HTML 64Page - Texas Instruments UCD3138128APFCR Datasheet HTML 65Page - Texas Instruments UCD3138128APFCR Datasheet HTML 66Page - Texas Instruments UCD3138128APFCR Datasheet HTML 67Page - Texas Instruments UCD3138128APFCR Datasheet HTML 68Page - Texas Instruments UCD3138128APFCR Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 83 page
background image
3 A – QB1
( DPWM1C )
3 B – QT1
( DPWM2 C)
2 B – QB2
( EDGEGEN )
2 A – QT 2
( EDGEGEN)
0 B –
QSYN 2,4
1 B –
QSYN 1 ,3
Transformer
Voltage
X1
X3
X2
Y3
Y1
Y2
X1 , X2 , X 3 and Y1 , Y2 , Y 3
are sets of moving edges
All other edges are fixed .
DPWM 2 AF
DPWM 2 BF
DPWM3 AF
DPWM3 BF
Current
Peak Level
65
UCD3138128A
www.ti.com
SLUSC99 – JULY 2016
Product Folder Links: UCD3138128A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Here is an overview of the key PSFB signals:
Figure 43. Key PSFB Signals
10.2.2.3 DPWM Synchronization
DPWM1 is synchronized to DPWM0, DPWM2 is synchronized to DPWM1, and DPWM3 is synchronized to
DPWM2, ½ period out of phase using these commands:
Dpwm1Regs.DPWMCTRL0.bit.MSYNC_SLAVE_EN = 1; //configured to slave
Dpwm2Regs.DPWMCTRL0.bit.MSYNC_SLAVE_EN = 1; //configured to slave
Dpwm3Regs.DPWMCTRL0.bit.MSYNC_SLAVE_EN = 1; //configured to slave
Dpwm0Regs.DPWMPHASETRIG.all = PWM_SLAVESYNC;
Dpwm1Regs.DPWMPHASETRIG.all = PWM_SLAVESYNC;
Dpwm2Regs.DPWMPHASETRIG.all = PWM_SLAVESYNC;
LoopMuxRegs.DPWMMUX.bit.DPWM1_SYNC_SEL = 0;
// Slave to dpwm-0
LoopMuxRegs.DPWMMUX.bit.DPWM2_SYNC_SEL = 1;
// Slave to dpwm-1
LoopMuxRegs.DPWMMUX.bit.DPWM3_SYNC_SEL = 2;
// Slave to dpwm-2
If the event registers on the DPWMs are the same, the two pairs of signals will be symmetrical. All code
examples are taken from the PSFB EVM code, unless otherwise stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com