Electronic Components Datasheet Search
  English  ▼

X  

UCD3138128APFCR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138128APFCR
Description  UCD3138128A Highly-Integrated Digital Controller For Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138128APFCR Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCD3138128APFCR Datasheet HTML 7Page - Texas Instruments UCD3138128APFCR Datasheet HTML 8Page - Texas Instruments UCD3138128APFCR Datasheet HTML 9Page - Texas Instruments UCD3138128APFCR Datasheet HTML 10Page - Texas Instruments UCD3138128APFCR Datasheet HTML 11Page - Texas Instruments UCD3138128APFCR Datasheet HTML 12Page - Texas Instruments UCD3138128APFCR Datasheet HTML 13Page - Texas Instruments UCD3138128APFCR Datasheet HTML 14Page - Texas Instruments UCD3138128APFCR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 83 page
background image
11
UCD3138128A
www.ti.com
SLUSC99 – JULY 2016
Product Folder Links: UCD3138128A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
V33A = V33D = V33DIO = 3 V to 3.6 V; 1 μF from BP18 to DGND, TJ = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
(2)
On the 40 pin package V33DIO is connected to V33D internally.
(3)
The maximum total current, IOHmax and IOLmax for all outputs combined, should not exceed 12 mA to hold the maximum voltage drop
specified. Maximum sink current per pin = –6 mA at VOL; maximum source current per pin = 6 mA at VOH.
(4)
DPWM outputs are low after reset. Other GPIO pins are configured as inputs after reset.
Sample Rate(1)
15.62
5
MHz
Analog Front End Amplifier Bandwidth(1)
100
MHz
A0
Gain(1)
See Figure 12
1
V/V
Minimum output voltage
25
mV
EADC DAC
DAC range
0
1.6
V
VREF DAC reference resolution
10 bit, No dithering enabled
1.56
mV
VREF DAC reference resolution(1)
With 4 bit dithering enabled
97.6
μV
INL
Guaranteed INL
–1.5
1.5
LSB
Typical INL (TJ =25°C, V33A = V33D =
V33DIO = 3.3V)
-0.4/+0.7
LSB
DNL
Guaranteed DNL
–2.0
1
LSB
Typical DNL (TJ =25°C, V33A = V33D =
V33DIO = 3.3V)
-0.4/+0.3
LSB
DAC reference voltage
1.58
1.61
V
ADC12
IBIAS
Bias current for PMBus address pins
9.5
10.5
μA
Measurement range for voltage monitoring
0
2.5
V
Internal ADC reference voltage
2.475
2.500
2.525
V
Change in Internal ADC reference from
25°C reference voltage(1)
25°C to -40°C
-2.36
mV
25°C to 125°C
-5.45
ADC12 INL integral nonlinearity, end
point(1)
ADC_SAMPLING_SEL = 0 or 7 for all
ADC12 data
-3.9
-2.5/2.2
4.5
LSB
ADC12 INL integral nonlinearity, best fit
line(1)
-2.4
-1.6/1.7
2.9
LSB
ADC12 DNL differential nonlinearity(1)
-1.0 –0.6/+2.6
3.8
LSB
ADC Zero Scale Error
–5
5
mV
ADC Full Scale Error
–30
30
mV
Input bias
2.5 V applied to pin
200
nA
Input leakage resistance(1)
ADC_SAMPLING_SEL = 0
2
M
Ω
ADC_SAMPLING_SEL = 7
1
M
Ω
Input Capacitance(1)
10
pF
DIGITAL INPUTS/OUTPUTS(2)
VOL
Low-level output voltage(3)(4)
IOH = 4 mA, V33DIO = 3 V
DGND
+ 0.25
V
VOH
High-level output voltage (3)
IOH = –4 mA, V33DIO = 3 V
V33DIO
– 0.6
V
VIH
High-level input voltage
V33DIO = 3 V
2.1
V
VIL
Low-level input voltage
V33DIO = 3 V
1.1
V
IOH
Output sinking current
4
mA
IOL
Output sourcing current
–4
mA
SYSTEM PERFORMANCE
ISHARE
Current share current source (See
Figure 34)
238
259
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com