Electronic Components Datasheet Search
  English  ▼

X  

UCD3138128APFCR Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138128APFCR
Description  UCD3138128A Highly-Integrated Digital Controller For Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138128APFCR Datasheet(HTML) 63 Page - Texas Instruments

Back Button UCD3138128APFCR Datasheet HTML 59Page - Texas Instruments UCD3138128APFCR Datasheet HTML 60Page - Texas Instruments UCD3138128APFCR Datasheet HTML 61Page - Texas Instruments UCD3138128APFCR Datasheet HTML 62Page - Texas Instruments UCD3138128APFCR Datasheet HTML 63Page - Texas Instruments UCD3138128APFCR Datasheet HTML 64Page - Texas Instruments UCD3138128APFCR Datasheet HTML 65Page - Texas Instruments UCD3138128APFCR Datasheet HTML 66Page - Texas Instruments UCD3138128APFCR Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 83 page
background image
63
UCD3138128A
www.ti.com
SLUSC99 – JULY 2016
Product Folder Links: UCD3138128A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Application (continued)
10.2.1 Design Requirements
Table 8. Input Characteristics
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ALL SPECIFICATIONS at Vin=400V and 25°C AMBIENT UNLESS OTHERWISE NOTED.
Vin
Input voltage range
Normal Operating
350
385
420
V
Vinmax
Max input voltage
Continuous
420
V
Iin
Input current
Vin=350V, Full Load
1.15
A
Istby
Input no load current
Output current is 0A
30
mA
Von
Under voltage lockout
Vin Decreasing (input voltage is detected on secondary side)
340
V
Vhys
Vin Increasing
360
V
(1)
Ripple and noise are measured with 10µF Tantalum capacitor and 0.1µF ceramic capacitor across output.
Table 9. Output Characteristics
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ALL SPECIFICATIONS at Vin=400V and 25°C AMBIENT UNLESS OTHERWISE NOTED.
VO
Output voltage setpoint
No load on outputs
12
V
Regline
Line regulation
All outputs; 360
≤ Vin ≤ 420; IO = IOmax
0.5
%
Regload
Load regulation
All outputs; 0
≤ IO ≤ IOmax; Vin = 400 V
1
%
Vn
Ripple and noise(1)
5Hz to 20 MHz
100
mVpp
IO
Output current
0
30
A
η
Efficiency at phase-shift mode
Vo = 12 V, Io = 15 A
93%
η
Efficiency at PWM ZVS mode
Vo = 12 V, Io = 15 A
93%
η
Efficiency at hard switching mode
Vo = 12 V, Io = 15 A
90%
Vadj
Output adjust range
11.4
12.6
V
Vtr
Transient response
overshoot/undershoot
50% Load Step at 1AµS, min load at 2A
±0.36
V
tsettling
Transient response settling time
100
µS
tstart
Output rise time
10% to 90% of Vout
50
mS
Overshoot
At Startup
2
%
fs
Switching frequency
Over Vin and IO ranges
150
kHz
Ishare
Current sharing accuracy
50% - full load
±5
%
φ
Loop phase margin
10% - Full load
45
degree
G
Loop gain margin
10% - Full load
10
dB
10.2.2 Detailed Design Procedure
10.2.2.1 PCMC (Peak Current Mode Control) PSFB (Phase Shifted Full Bridge) Hardware Configuration
Overview
The hardware configuration of the UCD3138xA PCMC PSFB converter contains two critical elements that are
highlighted in the subsequent sections.
•
DPWM initialization - This section will highlight the key register settings and considerations necessary for the
UCD3138xA to generate the correct MOSFET waveforms for this topology. This maintains the proper phase
relationship between the MOSFETs and synchronous rectifiers as well as the proper set up required to
function correctly with PCMC.
•
PCMC initialization - This section will discuss the register settings and hardware considerations necessary to
modulate the DPWM pins with PCMC and internal slope compensation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com