Electronic Components Datasheet Search
  English  ▼

X  

P9658 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # P9658
Description  MICROCONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

P9658 Datasheet(HTML) 5 Page - Samsung semiconductor

  P9658 Datasheet HTML 1Page - Samsung semiconductor P9658 Datasheet HTML 2Page - Samsung semiconductor P9658 Datasheet HTML 3Page - Samsung semiconductor P9658 Datasheet HTML 4Page - Samsung semiconductor P9658 Datasheet HTML 5Page - Samsung semiconductor P9658 Datasheet HTML 6Page - Samsung semiconductor P9658 Datasheet HTML 7Page - Samsung semiconductor P9658 Datasheet HTML 8Page - Samsung semiconductor P9658 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
S3C9654/C9658/P9658
PRODUCT OVERVIEW
1-5
S3C9654/
S3C9658
P0.3/INT0
VDD
P2.0/D-/INT2
P2.1/D+/INT2
RESET
XIN
XOUT
TEST
P0.1/INT0
18
17
16
15
14
13
12
11
10
P0.2/INT0
VSS
P0.0/INT0
P1.0/COM0/INT1
P1.1/COM1/INT1
P1.2/COM2/INT1
P1.3/COM3/INT1
P1.4/COM4/INT1
P1.5/COM5/INT1
1
2
3
4
5
6
7
8
9
Figure 1-3. Pin Assignment (18 Pin)
S3C9654/
S3C9658
VDD
P2.0/D-/INT2
P2.1/D+/INT2
RESET
XIN
XOUT
TEST
P0.1/INT0
16
15
14
13
12
11
10
9
VSS
P0.0/INT0
P1.0/COM0/INT1
P1.1/COM1/INT1
P1.2/COM2/INT1
P1.3/COM3/INT1
P1.4/COM4/INT1
P1.5/COM5/INT1
1
2
3
4
5
6
7
8
Figure 1-4. Pin Assignment (16 Pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com