Electronic Components Datasheet Search
  English  ▼

X  

P9658 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # P9658
Description  MICROCONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

P9658 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button P9658 Datasheet HTML 2Page - Samsung semiconductor P9658 Datasheet HTML 3Page - Samsung semiconductor P9658 Datasheet HTML 4Page - Samsung semiconductor P9658 Datasheet HTML 5Page - Samsung semiconductor P9658 Datasheet HTML 6Page - Samsung semiconductor P9658 Datasheet HTML 7Page - Samsung semiconductor P9658 Datasheet HTML 8Page - Samsung semiconductor P9658 Datasheet HTML 9Page - Samsung semiconductor P9658 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
PRODUCT OVERVIEW
S3C9654/C9658/P9658
1-6
Table 1-1. Signal Descriptions
Pin Names
Pin
Type
Pin Description
Circuit
Number
Pin
Numbers
Share
Pins
P0.0
I/O
Bit-programmable I/O port for Schmitt trigger
input or n-ch open drain output (50 mA).
Pull-up resistor is assignable to input pin by
software and is automatically disabled for
output pin. Port 0 can be individually configured
as external interrupt input.
SK
3
INT0
P0.1–P0.5
I/O
Bit-programmable I/O port for Schmitt trigger
input or push-pull output. Pull-up resistors
individually assignable to input pins by software
and are automatically disabled for output pins.
Port 0 can be individually configured as
external interrupt inputs.
D
1, 10, 11,
12, 20
INT0
P1.0–P1.5
I/O
Bit-programmable I/O port for Schmitt trigger
input or push-pull output. Pull-up resistors are
individually assignable to input pins by
software. Port 1 can be configured as
comparator input or external interrupt inputs.
Pull-down resistors are individually assignable.
(in comparator input)
CP
4–9
CIN0-5
INT1
P2.0/D-
–
P2.1/D+
I/O
Bit-programmable I/O port for Schmitt trigger
input or n-ch open drain output. Pull-up
resistors are individually assignable to input
pins by software and are automatically disabled
for output pins. Port 2 can be individually
configured as external interrupt inputs. Also it
can be configured as an USB ports.
CP
17, 18
INT2
X
OUT, XIN
–
System clock input and output pin
(crystal/ceramic oscillator, or external clock
source)
–
14, 15
–
INT0
I
External interrupt for bit-programmable port 0
D
1, 3, 10,
11, 12, 20
Port 0
INT1
I
External interrupt for bit-programmable port 1
D
4–9
Port 1
INT2
I
External interrupt for bit-programmable port 2
D
17, 18
Port 2
V
DD
–
Power input pin
–
19
–
V
SS
–
V
SS is a ground power for CPU core.
–
2
–
RESET
1
Reset input pin (Pull-up register embedded)
–
16
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com