Electronic Components Datasheet Search
  English  ▼

X  

P9658 Datasheet(PDF) 17 Page - Samsung semiconductor

Part # P9658
Description  MICROCONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

P9658 Datasheet(HTML) 17 Page - Samsung semiconductor

Back Button P9658 Datasheet HTML 13Page - Samsung semiconductor P9658 Datasheet HTML 14Page - Samsung semiconductor P9658 Datasheet HTML 15Page - Samsung semiconductor P9658 Datasheet HTML 16Page - Samsung semiconductor P9658 Datasheet HTML 17Page - Samsung semiconductor P9658 Datasheet HTML 18Page - Samsung semiconductor P9658 Datasheet HTML 19Page - Samsung semiconductor P9658 Datasheet HTML 20Page - Samsung semiconductor P9658 Datasheet HTML 21Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
ELECTRICAL DATA
S3C9654/C9658/P9658
15-8
Table 15-9. Low Speed Source Electrical Characteristics (USB)
(TA = 0°C to + 85°C, Internal Voltage Regulator Output V33OUT = 2.8 V to 3.6 V, typ 3.3 V)
Parameter
Symbol
Conditions
Min
Max
Unit
Transition Time:
Rise Time
Tr
CL = 200 pF
75
–
ns
CL = 650 pF
–
300
Fall Time
Tf
CL = 200 pF
75
–
CL = 650 pF
–
300
Rise/Fall Time Matching
Trfm
(Tr/Tf) CL = 50 pF
80
125
%
Output Signal Crossover Voltage
Vcrs
CL = 50 pF
1.3
2.0
V
Internal Voltage Regulator Output
Voltage
V33OUT
VDD = 4.0 – 5.25 V
2.8
3.6
V
R1 = 15 K
Ω
R2 = 1.5 K
Ω
CL = 200 pF - 650 pF
DM: S/W ON
DP: S/W OFF
D. U. T
Test
Point
S/W
V33OUT
R2
R1
C2
90 %
Measurement
Points
10 %
90 %
10 %
Tr
Tf
D-/D+
Figure 15-4. USB Data Signal Rise and Fall Time
DM
DP
VCRS
MAX: 2.0 V
MIN: 1.3 V
3.3 V
0 V
Figure 15-5. USB Output Signal Crossover Point Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com