Electronic Components Datasheet Search
  English  ▼

X  

P9658 Datasheet(PDF) 27 Page - Samsung semiconductor

Part # P9658
Description  MICROCONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

P9658 Datasheet(HTML) 27 Page - Samsung semiconductor

Back Button P9658 Datasheet HTML 19Page - Samsung semiconductor P9658 Datasheet HTML 20Page - Samsung semiconductor P9658 Datasheet HTML 21Page - Samsung semiconductor P9658 Datasheet HTML 22Page - Samsung semiconductor P9658 Datasheet HTML 23Page - Samsung semiconductor P9658 Datasheet HTML 24Page - Samsung semiconductor P9658 Datasheet HTML 25Page - Samsung semiconductor P9658 Datasheet HTML 26Page - Samsung semiconductor P9658 Datasheet HTML 27Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 27 / 27 page
background image
S3C9654/C9658/P9658
S3P9658 OTP
17-3
Table 17-1. Descriptions of Pins Used to Read/Write the EPROM
Main Chip
During Programming
Pin Name
Pin Name
Pin Number (20 DIP)
I/O
Function
P1.0
SDAT
5
I/O
Serial Data Pin (Output when reading, Input when
writing) Input and Push-pull Output Port can be
assigned
P1.1
SCLK
4
I/O
Serial Clock Pin (Input Only Pin)
RESET
RESET
16
I
0 V : OTP write and test mode
5 V : Operating mode
TEST
V
PP
(TEST)
13
I
Chip Initialization and EPROM Cell Writing Power
Supply Pin (Indicates OTP Mode Entering) When
writing 12.5 V is applied and when reading.
V
DD/VSS
V
DD/VSS
19/2
I
Logic Power Supply Pin.
Table 17-2. Comparison of S3P9658 and S3C9654/C9658 Features
Characteristic
S3P9658
S3C9654/C9658
Program Memory
8 K-byte EPROM
4/8 K-byte mask ROM
Operating Voltage (V
DD)
4.0 V to 5.25 V
4.0 V to 5.25 V
OTP Programming Mode
V
DD = 5 V, VPP (TEST) = 12.5 V
Pin Configuration
20/18/16 DIP, 20/18/16 SOP
20/18/16 DIP, 20/18/16 SOP, 16SSOP
EPROM Programmability
User Program 1 time
Programmed at the factory
OPERATING MODE CHARACTERISTICS
When 12.5 V is supplied to the VPP (
RESET) pin of the S3P9658, the EPROM programming mode is entered.
The operating mode (read, write, or read protection) is selected according to the input signals to the pins listed in
Table 14-3 below.
Table 17-3. Operating Mode Selection Criteria
V
DD
V
PP (RESET
RESET)
REG/
MEM
MEM
Address (A15-A0)
R/W
Mode
5 V
5 V
0
0000H
1
EPROM read
12.5 V
0
0000H
0
EPROM program
12.5 V
0
0000H
1
EPROM verify
12.5 V
1
0E3FH
0
EPROM read protection
NOTE: "0" means Low level; "1" means High level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com