Electronic Components Datasheet Search
  English  ▼

X  

P9658 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # P9658
Description  MICROCONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

P9658 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button P9658 Datasheet HTML 7Page - Samsung semiconductor P9658 Datasheet HTML 8Page - Samsung semiconductor P9658 Datasheet HTML 9Page - Samsung semiconductor P9658 Datasheet HTML 10Page - Samsung semiconductor P9658 Datasheet HTML 11Page - Samsung semiconductor P9658 Datasheet HTML 12Page - Samsung semiconductor P9658 Datasheet HTML 13Page - Samsung semiconductor P9658 Datasheet HTML 14Page - Samsung semiconductor P9658 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
ELECTRICAL DATA
S3C9654/C9658/P9658
15-2
Table 15-1. Absolute Maximum Ratings
(TA = 25°C)
Parameter
Symbol
Conditions
Rating
Unit
Supply voltage
VDD
–
– 0.3 to + 6.5
V
Input voltage
VI
All ports
– 0.3 to VDD + 0.3
V
Output voltage
VO
All output ports
– 0.3 to VDD + 0.3
V
Output current high
I OH
One I/O pin active
– 18
mA
All I/O pins active
– 60
Output current low
I OL
One I/O pin active (except P0.0)
+ 30
mA
Total pin current for ports 0, 1, 2
(except P0.0)
+ 100
P0.0
+ 50
Operating
temperature
TA
–
0 to + 85
°C
Storage
temperature
TSTG
–
– 60 to + 150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com