Electronic Components Datasheet Search
  English  ▼

X  

P9658 Datasheet(PDF) 12 Page - Samsung semiconductor

Part # P9658
Description  MICROCONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

P9658 Datasheet(HTML) 12 Page - Samsung semiconductor

Back Button P9658 Datasheet HTML 8Page - Samsung semiconductor P9658 Datasheet HTML 9Page - Samsung semiconductor P9658 Datasheet HTML 10Page - Samsung semiconductor P9658 Datasheet HTML 11Page - Samsung semiconductor P9658 Datasheet HTML 12Page - Samsung semiconductor P9658 Datasheet HTML 13Page - Samsung semiconductor P9658 Datasheet HTML 14Page - Samsung semiconductor P9658 Datasheet HTML 15Page - Samsung semiconductor P9658 Datasheet HTML 16Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
S3C9654/C9658/P9658
ELECTRICAL DATA
15-3
Table 15-2. D.C. Electrical Characteristics
(TA = 0°C to + 85°C, VDD = 4.0 V to 5.25 V)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input high voltage
VIH1
All input pins except VIH2, D+, D–
0.8 VDD
–
VDD
V
VIH2
XIN
VDD – 0.5
VDD
Input low voltage
VIL1
All input pins except VIL2, D+, D–
–
–
0.2 VDD
VIL2
XIN
–
–
0.4
Output high voltage
VOH
VDD = 4.0 V–5.25 V
IOH = – 200 µA
All output ports except D+, D–
VDD – 1.0
–
–
Output low voltage
VOL
VDD = 4.0 V–5.25 V
IOL = 2 mA
All output ports except D+, D–, P0.0
–
–
0.4
Output low Current
IOL
VOL = 0.4 V
50(4)
mA
Input high leakage
current
ILIH1
VIN = VDD
All inputs except ILIH2
except D+, D–, XOUT
–
–
3
µA
ILIH2
VIN = VDD, XIN
–
–
20
Input low leakage
current
ILIL1
VIN = 0 V
All inputs except ILIL2
except D+, D–, XOUT
–
–
– 3
ILIL2
VIN = 0 V, XIN
–
–
– 20
Output high leakage
current
ILOH
VOUT = VDD
All output pins except D+, D–
–
–
3
Output low leakage
current
ILOL
VOUT = 0 V
All output pins except D+, D–
XOUT, P0.0
–
–
– 3
Pull-up resistors
RL1
VIN = 0 V, VDD = 5.0 V,
Port 0, Port 1
25
50
100
K
Ω
RL2
VIN = 0 V, VDD = 5.0 V,
Port 2
–
4.3
–
Supply current
IDD1
Normal operation mode,
VDD = 4.0 V–5.25 V
6 MHz, CPU clock
–
6.5
15
mA
IDD2
IDLE mode
VDD = 4.0 V–5.25 V
6 MHz, CPU clock
–
2
4
IDD3
Stop mode, oscillator stop
VDD = 4.0 V–5.25 V
–
13
25
µA
NOTES:
1.
Supply current does not include current drawn through internal pull-up resistors or external output current load.
2.
This parameter is guaranteed, but not tested (include D+, D–).
3.
Only in 4.0 V to 5.25 V, D+ and D– satisfy the USB spec 1.0.
4.
P0.0 designed for direct LED current sink, see the SNKCON resistor and Figure 1-9 (Page 1-9).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com