Electronic Components Datasheet Search
  English  ▼

X  

A3924 Datasheet(PDF) 45 Page - Allegro MicroSystems

Part # A3924
Description  Automotive, Full-Bridge MOSFET Driver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3924 Datasheet(HTML) 45 Page - Allegro MicroSystems

Back Button A3924 Datasheet HTML 41Page - Allegro MicroSystems A3924 Datasheet HTML 42Page - Allegro MicroSystems A3924 Datasheet HTML 43Page - Allegro MicroSystems A3924 Datasheet HTML 44Page - Allegro MicroSystems A3924 Datasheet HTML 45Page - Allegro MicroSystems A3924 Datasheet HTML 46Page - Allegro MicroSystems A3924 Datasheet HTML 47Page - Allegro MicroSystems A3924 Datasheet HTML 48Page - Allegro MicroSystems A3924 Datasheet HTML 49Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 55 page
background image
Automotive, Full-Bridge MOSFET Driver
A3924
45
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
10: Mask 0
1
0
1
0
WR
V3O
V3U
VBS
TW
BHU
BLU
AHU
ALU
P
0
0
0
0
0
0
0
0
0
0
11: Mask 1
1
0
1
1
WR
VRO
VRU
VS
VLO
BHO
BLO
AHO
ALO
P
0
0
0
0
0
0
0
0
0
0
* Power-on-reset value shown below each input register bit.
Serial Register Reference*
Mask 0
V3O – V3 OVERVOLTAGE
V3U – V3 UNDERVOLTAGE
VBS – BOOTSTRAP UNDERVOLTAGE
TW – TEMPERATURE WARNING
BHU – PHASE B HIGH-SIDE VGS UNDERVOLTAGE
BLU – PHASE B LOW-SIDE VGS UNDERVOLTAGE
AHU – PHASE A HIGH-SIDE VGS UNDERVOLTAGE
ALU – PHASE A LOW-SIDE VGS UNDERVOLTAGE
xxx
Fault Mask
Default
0
Fault Detection Permitted
D
1
Fault Detection Disabled
P – PARITY BIT
Ensures an odd number of 1s in any serial transfer.
Mask 1
VRO – VREG OVERVOLTAGE
VRU – VREG UNDERVOLTAGE
VS – VBB OUT OF RANGE
VLO – LOGIC OVERVOLTAGE
BHO – PHASE B HIGH-SIDE VDS OVERVOLTAGE
BLO – PHASE B LOW-SIDE VDS OVERVOLTAGE
AHO – PHASE A HIGH-SIDE VDS OVERVOLTAGE
ALO – PHASE A LOW-SIDE VDS OVERVOLTAGE
xxx
Fault Mask
Default
0
Fault Detection Permitted
D
1
Fault Detection Disabled
P – PARITY BIT
Ensures an odd number of 1s in any serial transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com