Electronic Components Datasheet Search
  English  ▼

X  

A3924 Datasheet(PDF) 32 Page - Allegro MicroSystems

Part # A3924
Description  Automotive, Full-Bridge MOSFET Driver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3924 Datasheet(HTML) 32 Page - Allegro MicroSystems

Back Button A3924 Datasheet HTML 28Page - Allegro MicroSystems A3924 Datasheet HTML 29Page - Allegro MicroSystems A3924 Datasheet HTML 30Page - Allegro MicroSystems A3924 Datasheet HTML 31Page - Allegro MicroSystems A3924 Datasheet HTML 32Page - Allegro MicroSystems A3924 Datasheet HTML 33Page - Allegro MicroSystems A3924 Datasheet HTML 34Page - Allegro MicroSystems A3924 Datasheet HTML 35Page - Allegro MicroSystems A3924 Datasheet HTML 36Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
Automotive, Full-Bridge MOSFET Driver
A3924
32
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Both high-side and low-side tests must be performed to fully
verify the connection for each phase.
Firstly, for the phase A high-side test, GHA is switched on using
the serial command register bits or the logic input terminals. A
pull-down current on phase A (ISD) is then switched on by setting
the YPH bit in the Verify Command 1 register to 1. The phase
state monitor is then used to check that the SA connection is
higher than the programmable threshold set by VPT. If the phase
state monitor output is high when YPH is reset to 0, then the
PAC bit will be set in the Verify Result 0 register, indicating the
phase A high-side is connected. The external controller is able to
determine the time required to complete the verification as the
PAC bit will only be set in the Verify Result 0 register when YPH
is reset to 0. The high-side test is then repeated for phase B, with
GHB switched on.
Secondly, for the phase A low-side test, GLA is switched on using
the serial command register bits or the logic input terminals. A
pull-up current on phase A (ISU) is then switched on by setting the
YPL bit in the Verify Command 1 register to 1. The phase state
monitor is then used to check that the SA connection is lower
than the programmable threshold set by VPT. If the phase state
monitor is low when YPL is reset to 0, then the PAC bit will be
set in the Verify Result 0 register, indicating the phase B low-side
is connected. The external controller is able to determine the time
required to complete the verification as the PAC bit will only be
set in the Verify Result 0 register when YPL is reset to 0. The
low-side test is then repeated for phase B, with GLB switched on.
Note that, during verification of the phase connections, the VDS
overvoltage detection should be masked to avoid a VDS fault
condition being detected and disabling the MOSFET under
verification.
VERIFY: VREG UNDERVOLTAGE
The VREG undervoltage detector is verified by setting the YRU
bit in the Verify Command 0 register to 1. This applies a voltage
to the comparator that is lower than the undervoltage threshold
and should cause the general fault flag to be active and a VREG
undervoltage fault bit, VRU, to be latched in the Diag 1 register.
When YRU is reset to 0, the general fault flag will be reset and
the VRU bit will remain set in the Diag 1 register until cleared. If
the VRU bit is not set, then the verification has failed.
VERIFY: VREG OVERVOLTAGE
The VREG overvoltage detector is verified by setting the YRO
bit in the Verify Command 0 register to 1. This applies a voltage
to the comparator that is higher than the overvoltage threshold
and should cause the general fault flag to be active and a VREG
overvoltage fault bit, VRO, to be latched in the Diag 1 register.
When YRO is reset to 0, the general fault flag will be reset and
the VRO bit will remain set in the Diag 1 register until cleared. If
the VRO bit is not set, then the verification has failed.
VERIFY: TEMPERATURE WARNING
The temperature warning detector is verified by setting the YTW
bit in the Verify Command 0 register to 1. This applies a voltage
to the comparator that is lower than the temperature warning
threshold and should cause the general fault flag to be active and
a temperature warning fault bit (TW) to be latched in the Status
register. When YTW is reset to 0, the general fault flag will be
reset and the TW bit will remain set in the Status register until
cleared. If the TW bit is not set, then the verification has failed.
VERIFY: OVERTEMPERATURE
The overtemperature detector is verified by setting the YOT bit
in the Verify Command 0 register to 1. This applies a voltage to
the comparator that is higher than the overtemperature threshold
and should cause the general fault flag to be active and an
overtemperature fault bit (OT) to be latched in the Status register.
When YOT is reset to 0, the general fault flag will be reset and
the overtemperature fault will remain in the Status register until
cleared. If the OT bit is not set, then the verification has failed.
VERIFY: V3 REGULATOR UNDERVOLTAGE
The V3 regulator undervoltage detector is verified by setting the
Y3U bit in the Verify Command 0 register to 1. This applies a
voltage to the comparator that is lower than the V3 undervoltage
threshold and should cause the general fault flag to be active
and a V3 undervoltage fault bit, V3U, to be latched in the Diag
0 register. When Y3U is reset to 0, the general fault flag will be
reset and the V3U bit will remain set in the Diag 0 register until
cleared. If the V3U bit is not set, then the verification has failed.
VERIFY: V3 REGULATOR OVERVOLTAGE
The V3 regulator overvoltage detector is verified by setting the
Y3O bit in the Verify Command 0 register to 1. This applies a
voltage to the comparator that is higher than the V3 overvoltage
threshold and should cause the general fault flag to be active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com