Electronic Components Datasheet Search
  English  ▼

X  

A3924 Datasheet(PDF) 22 Page - Allegro MicroSystems

Part # A3924
Description  Automotive, Full-Bridge MOSFET Driver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3924 Datasheet(HTML) 22 Page - Allegro MicroSystems

Back Button A3924 Datasheet HTML 18Page - Allegro MicroSystems A3924 Datasheet HTML 19Page - Allegro MicroSystems A3924 Datasheet HTML 20Page - Allegro MicroSystems A3924 Datasheet HTML 21Page - Allegro MicroSystems A3924 Datasheet HTML 22Page - Allegro MicroSystems A3924 Datasheet HTML 23Page - Allegro MicroSystems A3924 Datasheet HTML 24Page - Allegro MicroSystems A3924 Datasheet HTML 25Page - Allegro MicroSystems A3924 Datasheet HTML 26Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 55 page
background image
Automotive, Full-Bridge MOSFET Driver
A3924
22
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
The first bit (bit 15) of the Status register contains a common
fault flag (FF), which will be high if any of the fault bits in the
Status register have been set. This allows fault condition to be
detected using the serial interface by simply taking STRn low.
As soon as STRn goes low, the first bit in the Status register (bit
15) can be read on SDO to determine if a fault has been detected
at any time since the last fault register reset. In all cases, the fault
bits in the diagnostic registers are latched and only cleared after a
fault register reset.
Note that FF (bit 15) does not provide the same function as the
general fault flag output on the DIAG terminal when STRn is
high and the DIAG output is in its default mode. The fault output
on the DIAG terminal provides an indication that either a fault is
present or the outputs have been disabled due to a latched fault
state. FF provides an indication that a fault has occurred since the
last fault reset and one or more fault bits have been set.
Chip-Level Protection
Chip-wide parameters critical for correct operation of the A3924
are monitored. These include maximum chip temperature,
minimum internal logic supply voltage, and the serial interface
transmission. These three monitors are necessary to ensure that
the A3924 is able to respond as specified.
CHIP FAULT STATE: INTERNAL LOGIC UNDERVOLTAGE
The A3924 has an independent internal logic regulator to supply
the internal logic. This is to ensure that external events, other
than loss of supply, do not prevent the A3924 from operating
correctly. The internal logic supply regulator will continue to
operate with a low supply voltage, for example if the main supply
voltage drops to a very low value during a severe cold-crank
event. In extreme low-supply circumstances, or during power-up
or power-down, an undervoltage detector ensures that the A3924
operates correctly. The logic supply undervoltage lockout cannot
be masked as it is essential to guarantee correct operation over
the full supply range.
When power is first applied to the A3924, the internal logic is
prevented from operating, and all gate drive outputs are held in
the off state until the internal regulator voltage (VDL) exceeds
the logic supply undervoltage lockout rising (turn-on) threshold,
derived from the VBB POR threshold, VBBR. At this point, all
serial registers will be reset to their power-on state, and all fault
states will be reset. The FF bit and the POR bit in the Status
register will be set to one to indicate that a power-on-reset has
taken place. The A3924 then goes into its fully operational state
and begins operating as specified.
Once the A3924 is operational, the internal logic supply continues
to be monitored. If, during the operational state, VDL drops below
logic supply undervoltage lockout falling (turn-off) threshold,
derived from VBBR, then the logical function of the A3924 cannot
be guaranteed, and the outputs will be immediately disabled. The
A3924 will enter a power-down state, and all internal activity, other
than the logic regulator voltage monitor, will be suspended. If the
logic supply undervoltage is a transient event, then the A3924 will
follow the power-up sequence above as the voltage rises.
CHIP FAULT STATE: OVERTEMPERATURE
If the chip temperature rises above the overtemperature threshold
(TJF) the general fault flag will be active and the overtemperature
bit (OT) will be set in the Status register. If ESF = 1 when an
overtemperature is detected, all gate drive outputs will be dis-
abled automatically. If ESF = 0, then no circuitry will be disabled,
and action must be taken by the user to limit the power dissipa-
tion in some way so as to prevent overtemperature damage to the
chip and unpredictable device operation. When the temperature
drops below TJF by more than the hysteresis value (TJFHys), the
fault state will be reset and when ESF = 1 the outputs re-enabled.
The general fault flag remains active until the temperature drops
below the temperature warning threshold (TJW) by more than the
hysteresis value (TJWHys). The overtemperature bit remains in the
Status register until reset.
CHIP FAULT STATE: SERIAL ERROR
If there are more than 16 rising edges on SCK, or if STRn goes
high and there are fewer than 16 rising edges on SCK, or the
parity is not odd, then the write will be cancelled without writing
data to the registers, and the SE bit will be set to indicate a data
transfer error. If the transfer is a write, then the Status register
will not be reset. If the transfer is a diagnostic or verification
result read, then the addressed register will not be reset.
Operational Monitors
Parameters related to the safe operation of the A3924 in a system
are monitored. These include parameters associated with external
active and passive components, power supplies, and interaction
with external controllers.
Voltages relating to driving the external power MOSFETs are
monitored, specifically VREG, each bootstrap capacitor voltage,
and the VGS of each gate drive output. The main supply voltage
(VBB) is only monitored for overvoltage and undervoltage events.
The logic inputs are capable of being shorted to the main supply
voltage without damage, but any high voltage on these pins will
be detected. In addition, a watchdog timer can be applied to the
ENABLE input to verify continued operation of the external
controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com