Electronic Components Datasheet Search
  English  ▼

X  

A3924 Datasheet(PDF) 33 Page - Allegro MicroSystems

Part # A3924
Description  Automotive, Full-Bridge MOSFET Driver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3924 Datasheet(HTML) 33 Page - Allegro MicroSystems

Back Button A3924 Datasheet HTML 29Page - Allegro MicroSystems A3924 Datasheet HTML 30Page - Allegro MicroSystems A3924 Datasheet HTML 31Page - Allegro MicroSystems A3924 Datasheet HTML 32Page - Allegro MicroSystems A3924 Datasheet HTML 33Page - Allegro MicroSystems A3924 Datasheet HTML 34Page - Allegro MicroSystems A3924 Datasheet HTML 35Page - Allegro MicroSystems A3924 Datasheet HTML 36Page - Allegro MicroSystems A3924 Datasheet HTML 37Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
Automotive, Full-Bridge MOSFET Driver
A3924
33
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
and a V3 overvoltage fault bit, V3O, to be latched in the Diag
0 register. When Y3O is reset to 0, the general fault flag will be
reset and the V3O bit will remain set in the Diag 0 register until
cleared. If the V3O bit is not set, then the verification has failed.
VERIFY: VBB SUPPLY UNDERVOLTAGE
The VBB undervoltage detector is verified by setting the YSU bit
in the Verify Command 0 register to1.This applies a voltage to
the comparator that is higher than the VBB overvoltage threshold
and should cause the general fault flag to be active and the VBB
overvoltage fault bit (VSO) to be latched in the Diag 2 register.
When YSU is reset to 0, the general fault flag will be cleared, and
the VSU bit will remain set in the Diag 2 register until cleared. If
the VSU bit is not set, then the verification has failed.
VERIFY: VBB SUPPLY OVERVOLTAGE
The VBB overvoltage detector is verified by setting the YSO bit
in the Verify Command 0 register to 1. This applies a voltage to
the comparator that is higher than the VBB overvoltage threshold
and should cause the general fault flag to be active and the VBB
overvoltage fault bit (VSO) to be latched in the Diag 2 register.
When YSO is reset to 0, the general fault flag will be reset and
the VSO bit will remain set in the Diag 2 register until cleared. If
the VSO bit is not set, then the verification has failed.
VERIFY: VGS UNDERVOLTAGE
The VGS undervoltage high-side detectors are verified by setting
the YGU bit in the Verify Command 1 register to 1 and switching
on the corresponding low-side MOSFET in sequence using the
serial command register bits or the logic input terminals. This
should cause the general fault flag to be active and the high-side
VGS undervoltage fault bit (AHU or BHU) to be latched in the
Diag 0 register. The VGS undervoltage low-side detectors are
verified by setting the YGU bit in the Verify Command 1 register
to 1 and switching on the corresponding high-side MOSFET
using the serial command register bits or the logic input termi-
nals. This should cause the low-side VGS undervoltage fault
bit to be latched in the Diag 0 register. This must be repeated
for each MOSFET to verify all VGS undervoltage comparators.
When YGU is reset to 0 or all gate drives are commanded off,
then the general fault flag will be reset, but the VGS undervoltage
fault bits will remain in the Diag 0 register until cleared. If any
VGS fault bit is not set after all MOSFETs have been switched,
then the verification has failed for the corresponding comparator.
VERIFY: BOOTSTRAP CAPACITOR UNDERVOLTAGE
FAULT
The bootstrap capacitor undervoltage detectors are verified by
setting the YBU bit in the Verify Command 0 register to 1 and
switching on a high-side MOSFET using the serial Control
register bits or the logic input terminals. This should cause the
general fault flag to be active and the corresponding bootstrap
undervoltage fault bit (VA or VB) to be latched in the Diag 2 reg-
ister. This must be repeated for each high-side MOSFET to verify
all bootstrap undervoltage comparators. When YBU is reset to 0
or all gate drives are commanded off, then the general fault flag
will be reset, but the bootstrap undervoltage faults will remain in
the Diag 2 register until cleared. If any bootstrap undervoltage
fault bit is not set after all MOSFETs have been switched, then
the verification has failed for the corresponding comparator.
VERIFY: MOSFET VDS OVERVOLTAGE FAULT
The VDS overvoltage high-side detectors are verified by setting
the YDO bit in the Verify Command 1 register to 1 and switching
on the corresponding low-side MOSFET using the serial Control
register bits or the logic input terminals. This should cause the
general fault flag to be active and the high-side VDS overvoltage
fault bit (AHO or BHO) to be latched in the Diag 1 register. The
low-side detectors are verified by setting the YDO bit in the
Verify Command 1 register to 1 and switching on the correspond-
ing high-side MOSFET using the serial command register bits
or the logic input terminals. This should cause the low-side VDS
overvoltage fault bit, ALO or BLO, to be latched in the Diag 1
register. This must be repeated for each MOSFET to verify all
VDS overvoltage comparators. When YDO is reset to 0 or all
gate drives are commanded off, then the general fault flag will be
reset, but the VDS overvoltage faults will remain in the Diag 1
register until cleared. If any VDS overvoltage fault bit is not set
after all MOSFETs have been switched, then the verification has
failed.
VERIFY: LOGIC TERMINAL OVERVOLTAGE
The logic terminal overvoltage detector is verified by setting
the YLO bit in the Verify Command 0 register to 1. This applies
a voltage to the comparator that is higher than the logic input
overvoltage threshold and should cause the logic overvoltage
fault bit (VLO) to be latched in the diagnostic register. When
YLO is reset to 0, the general fault flag will be reset, but the VLO
bit will remain set in the Status register until cleared. If the VLO
bit is not set, then the verification has failed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com