Electronic Components Datasheet Search
  English  ▼

X  

A3924 Datasheet(PDF) 19 Page - Allegro MicroSystems

Part # A3924
Description  Automotive, Full-Bridge MOSFET Driver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3924 Datasheet(HTML) 19 Page - Allegro MicroSystems

Back Button A3924 Datasheet HTML 15Page - Allegro MicroSystems A3924 Datasheet HTML 16Page - Allegro MicroSystems A3924 Datasheet HTML 17Page - Allegro MicroSystems A3924 Datasheet HTML 18Page - Allegro MicroSystems A3924 Datasheet HTML 19Page - Allegro MicroSystems A3924 Datasheet HTML 20Page - Allegro MicroSystems A3924 Datasheet HTML 21Page - Allegro MicroSystems A3924 Datasheet HTML 22Page - Allegro MicroSystems A3924 Datasheet HTML 23Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 55 page
background image
Automotive, Full-Bridge MOSFET Driver
A3924
19
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
If the dead-time is to be generated externally (for example, by
the PWM output of a microcontroller), then entering a value of
zero in DT[5:0] will disable the dead timer, and there will be no
minimum dead time generated by the A3924. However, the logic
that prevents permanent cross-conduction will still be active.
The internally generated dead time will only be present if the on
command for one MOSFET occurs within one dead time after the
off command for its complementary partner. In the case where
one side of a phase drive is permanently off (for example, when
using diode rectification with slow decay), then the dead time
will not occur. In this case, the gate drive will turn on within the
specified propagation delay after the corresponding phase input
goes high. (see Figure 3)
Logic Control Inputs
Four logic level digital inputs provide direct control for the gate
drives, one for each drive. These TTL threshold logic inputs can
be driven from 3.3 or 5 V logic, and all have a typical hysteresis
of 500 mV to improve noise performance. Each input can be
shorted to the VBB supply, up to the absolute maximum supply
voltage, without damage to the input.
Input HA is active-high and controls the high-side drive for phase
A. LAn is active-low and controls the low-side drive for phase
A. Similarly, HBn (active-low) and LB (active-high) control
the high-side and low-side drives respectively for phase B. The
logical relationship between the inputs and the gate drive outputs
is defined in Table 1.
The logic sense of the inputs (active-high or active-low) are
arranged to permit the bridge to be controlled with 1, 2, or 4
inputs. The control inputs to each phase can be driven together
to control both high-side and low-side drives when synchronous
rectification is used. Driving each phase with a single input in
this way provides direction control with one input and slow
decay, synchronous rectification PWM with the other input.
Driving all four control inputs together provides fast decay with
synchronous rectification and can be used to control current in
both directions with a single PWM input.
The two phases can also operate independently providing two
half-bridge drives. In this case, the dead time, blank time, and
VDS threshold will be common to both half bridge drives.
The gate drive outputs can also be controlled through the serial
interface by setting the appropriate bit in the control register. In
the control register, all bits are active-high. The logical relation-
ship between the register bit setting and the gate drive outputs is
defined in Table 2.
The logic inputs are combined (using logical OR) with the cor-
responding bits in the serial interface control register to determine
the state of the gate drive. The logical relationship between the
combination of logic input and register bit setting and the gate
drive outputs is defined in Table 3. In most applications, either
the logic inputs or the serial control will be used. When using
only the logic inputs to control the bridge, the serial register
should be left in the reset condition with all control bits set to 0.
When using only the serial interface to control the bridge, the
inputs should be tied such that the active-low inputs are con-
nected to DL and the active high inputs connected to GND; that
is, HA and LB should be tied to GND, and HBn and LAn should
be tied to DL. The internal pull-up and pull-down resistors on
these inputs ensure that they go to the inactive state should they
become disconnected from the control signal level. However,
connecting these inputs to a fixed level can allow detection of
control input faults that would not be detected using only the
internal pull-up or pull-down.
Internal lockout logic ensures that the high-side output drive and
low-side output drive cannot be active simultaneously. When the
control inputs request active high-side and low-side at the same
time for a single phase, then both high-side and low-side gate
drives will be forced low.
Output Disable
The ENABLE input is connected directly to the gate drive output
command signal, bypassing all phase control logic. This input can
be used to provide a fast output disable (emergency cutoff) or to
provide non-synchronous fast decay PWM.
ENABLE can also be monitored by a watchdog timer by setting
the EWD bit to 1. In watchdog mode, the first change of state
on the ENABLE input will activate the gate drive outputs under
command from the corresponding phase control signals, and a
watchdog timer is started. The ENABLE input must then change
state before the end of the ENABLE timeout period (tETO). If the
ENABLE input does not change before the end of the timeout
period, then all gate drive outputs will be driven low, and the
ETO bit will be set in the Status register. Any following change
of state on the ENABLE input will reactivate the gate drive
outputs. The ETO bit remains in the Status register until cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com