Electronic Components Datasheet Search
  English  ▼

X  

A3924 Datasheet(PDF) 30 Page - Allegro MicroSystems

Part # A3924
Description  Automotive, Full-Bridge MOSFET Driver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3924 Datasheet(HTML) 30 Page - Allegro MicroSystems

Back Button A3924 Datasheet HTML 26Page - Allegro MicroSystems A3924 Datasheet HTML 27Page - Allegro MicroSystems A3924 Datasheet HTML 28Page - Allegro MicroSystems A3924 Datasheet HTML 29Page - Allegro MicroSystems A3924 Datasheet HTML 30Page - Allegro MicroSystems A3924 Datasheet HTML 31Page - Allegro MicroSystems A3924 Datasheet HTML 32Page - Allegro MicroSystems A3924 Datasheet HTML 33Page - Allegro MicroSystems A3924 Datasheet HTML 34Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 55 page
background image
Automotive, Full-Bridge MOSFET Driver
A3924
30
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
To comply with various aspects of safe system design, it is neces-
sary for higher-level safety systems to verify that any diagnostics
or functions used to guarantee safe operation must also be veri-
fied to ensure that theses critical functions are operating within
specified tolerances.
There are four basic aspects to verification of diagnostic func-
tions:
1. Verify connections
2. Verify comparators
3. Verify thresholds
4. Verify fault propagation
These have to be completed for each diagnostic. In addition, the
operation of system functions not directly covered by diagnostics
should also be verified.
The A3924 includes additional verification functions to help the
system design comply with any safety requirements. Many of
these functions can only be completed when the diagnostics are
not required and must be commanded to run by the main system
controller. These functions are referred to as “off-line” verification.
A few of the functions can be continuously active, but the results
must be checked by the main system controller on a regular basis.
These functions are referred to as “on-line” verification.
The frequency with which these off-line verification functions are
run, or on-line verifications results are checked, will depend on
the safety requirements of the system using the A3924.
Example methods of how to use these verification functions to
verify system diagnostics are documented in the A3924 Safety
Manual.
On-Line Verification
The following functions are permanently active and will set the
appropriate bit in the verification result register to indicate that
the verification has failed. No other action will be taken by the
A3924. These verification functions verify that certain of the
A3924 terminals are correctly connected to the power bridge
circuit.
BRIDGE: VBRG DISCONNECTED
The VBRG terminal provides the common drain voltage refer-
ence for the high-side MOSFET VDS overvoltage detectors. If
this becomes disconnected, then the high-side VDS detection will
Table 6: Verification Functions
Type
Function Verified
Operation
Connection VBRG Connection
On-line
Connection Phase connection
Off-line
Connection Sense Amp Connection
On-line
Connection LSS Connection
On-line
Monitor
Over current detectors
Off-line
Monitor
Phase state monitor
On-line
Diagnostic
Over temperature diagnostic
Off-line
Diagnostic
Temperature warning monitor
Off-line
Diagnostic
VBB undervoltage diagnostic
Off-line
Diagnostic
VBB overvoltage diagnostic
Off-line
Diagnostic
VREG diagnostics
Off-line
Diagnostic
VGS undervoltage diagnostic
Off-line
Diagnostic
Logic terminal diagnostic
Off-line
Diagnostic
Open load detectors
Off-line
Diagnostic
Bootstrap capacitor diagnostic
Off-line
Diagnostic
VDS overvoltage diagnostic
Off-line
Diagnostic
V3 regulator diagnotics
Off-line
be invalid, and VDS overvoltage faults may not be detected. If
VBRG is disconnected, the internal current sink from the input
will ensure that the voltage at the VBRG terminal will fall. A
comparator is provided to monitor the voltage between the main
supply connection at the VBB terminal, and the voltage at VBRG
(VBB – VBRG) is compared to the VBRG open threshold voltage
(VBRO), determined by the variable VTB[1:0] as:
VBRO = (n + 1) × 2 V
where n is a positive integer defined by VTB[1:0] giving thresh-
olds at 2 V, 4 V, 6 V, and 8 V.
If VBB – VBRG exceeds the VBRG open threshold voltage, then
the VBR bit will be set in the verification result register, all
high-side VDS fault bits will be set in the Diag 1 register, and
the general fault flag will be active. If ESF = 1, then all gate
drive outputs will be disabled. When VBB – VBRG falls below the
falling VBRG open threshold voltage, VBRO – VBROHys, the fault
flag will be reset and the outputs will be reactivated. The VBR
bit remains in the verification result register until cleared and the
VDS diagnostic bits remain in the Diag 1 register until cleared.
Note that, for accurate VBRG disconnect detection at VBB less
than 12 V, it is important to ensure the selected VBRG disconnect
threshold (VBRO) is no more than 4 V less than VBB.
DIAGNOSTIC AND SYSTEM VERIFICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com