Electronic Components Datasheet Search
  English  ▼

X  

ACS780 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # ACS780
Description  High-Precision Linear Hall-Effect-Based Current Sensor IC With 200 關廓 Current Conductor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS780 Datasheet(HTML) 5 Page - Allegro MicroSystems

  ACS780 Datasheet HTML 1Page - Allegro MicroSystems ACS780 Datasheet HTML 2Page - Allegro MicroSystems ACS780 Datasheet HTML 3Page - Allegro MicroSystems ACS780 Datasheet HTML 4Page - Allegro MicroSystems ACS780 Datasheet HTML 5Page - Allegro MicroSystems ACS780 Datasheet HTML 6Page - Allegro MicroSystems ACS780 Datasheet HTML 7Page - Allegro MicroSystems ACS780 Datasheet HTML 8Page - Allegro MicroSystems ACS780 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
High-Precision Linear Hall-Effect-Based
Current Sensor IC With 200 µΩ Current Conductor
ACS780xLR
5
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
COMMON OPERATING CHARACTERISTICS* valid at TOP = –40°C to 150°C and VCC = 5 V, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Supply Voltage
VCC
4.5
5.0
5.5
V
Supply Current
ICC
Output open
–
11
15
mA
Power-On Time
tPO
TA = 25°C, CBYPASS = Open, CL = 1 nF
–
130
–
µs
Undervoltage Lockout (UVLO)
Threshold
VUVLOH
TA = 25°C, VCC rising and device function enabled
–
4
–
V
VUVLOL
TA = 25°C, VCC falling and device function disabled
–
3.5
–
V
UVLO Enable/Disable Delay
Time
tUVLOE
TA = 25°C, CBYPASS = Open, CL = 1 nF, VCC
Fall Time (5 V to 3 V) = 1.5 µs
–
64
–
µs
tUVLOD
TA = 25°C, CBYPASS = Open, CL = 1 nF,
VCC Recover Time (3 V to 5 V) = 1.5 µs
–
7
–
µs
Power-On Reset Voltage
VPORH
TA = 25°C, VCC rising
–
2.9
–
V
VPORL
TA = 25°C, VCC falling
–
2.5
–
V
Power-On Reset Release Time
tPORR
TA = 25°C, VCC rising
–
64
–
µs
Supply Zener Clamp Voltage
Vz
TA = 25°C, ICC = 30 mA
6.5
7.5
–
V
Internal Bandwidth
BWi
Small signal –3 dB, CL = 1 nF, TA = 25°C
–
120
–
kHz
Chopping Frequency
fC
TA = 25°C
–
500
–
kHz
Oscillator Frequency
fOSC
TA = 25°C
–
8
–
MHz
OUTPUT CHARACTERISTICS
Propagation Delay Time
tpd
TA = 25°C, CL = 1 nF
–
2.5
–
µs
Rise Time
tr
TA = 25°C, CL = 1 nF
–
3
–
µs
Response Time
tRESPONSE
TA = 25°C, CL = 1 nF
–
3.6
–
µs
Output Saturation Voltage
VSAT(HIGH)
TA = 25°C, RLOAD = 10 kΩ to GND
4.7
–
–
V
VSAT(LOW)
TA = 25°C, RLOAD = 10 kΩ to VCC
–
–
400
mV
DC Output Resistance
ROUT
RL=4.7 kΩ from VOUT to GND, VOUT = VCC/2
–
<1
–
Ω
Output Load Resistance
RL(PULLUP)
VOUT to VCC
4.7
–
–
kΩ
RL(PULLDWN)
VOUT to GND
4.7
–
–
kΩ
Output Load Capacitance
CL
VOUT to GND
–
1
10
nF
Primary Conductor Resistance
RPRIMARY
TA = 25°C
–
200
–
µΩ
Quiescent Output Voltage
VOUT(QBI)
IP = 0 A, TA = 25°C
–
VCC/2
–
V
VOUT(QU)
Unidirectional variant, IP = 0 A, TA = 25°C
–
VCC × 0.1
–
V
Ratiometry Quiescent Output
Voltage Error
RatERRVOUT(Q) Through supply voltage range (relative to VCC = 5 V)
–
0
–
%
Ratiometry Sensitivity Error
RatERRSens
Through supply voltage range (relative to VCC = 5 V)
–
< ±0.5
–
%
Common-Mode Magnetic Field
Rejection
CMFR
Magnetic field perpendicular to Hall plates
–
–35
–
dB
*Device is factory-trimmed at 5 V, for optimal accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com