Electronic Components Datasheet Search
  English  ▼

X  

ACS780 Datasheet(PDF) 18 Page - Allegro MicroSystems

Part # ACS780
Description  High-Precision Linear Hall-Effect-Based Current Sensor IC With 200 關廓 Current Conductor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS780 Datasheet(HTML) 18 Page - Allegro MicroSystems

Back Button ACS780 Datasheet HTML 14Page - Allegro MicroSystems ACS780 Datasheet HTML 15Page - Allegro MicroSystems ACS780 Datasheet HTML 16Page - Allegro MicroSystems ACS780 Datasheet HTML 17Page - Allegro MicroSystems ACS780 Datasheet HTML 18Page - Allegro MicroSystems ACS780 Datasheet HTML 19Page - Allegro MicroSystems ACS780 Datasheet HTML 20Page - Allegro MicroSystems ACS780 Datasheet HTML 21Page - Allegro MicroSystems ACS780 Datasheet HTML 22Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
High-Precision Linear Hall-Effect-Based
Current Sensor IC With 200 µΩ Current Conductor
ACS780xLR
18
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
FUNCTIONAL DESCRIPTION
Power-On Reset (POR) and Undervoltage
Lock-Out (UVLO) Operation
Thedescriptionsinthissectionassume:temperature=25°C,no
output load (RL, CL), and no significant magnetic field is present.
• Power-Up At power-up, as VCC ramps up, the output is in a
high-impedance state. When VCC crosses VPORH (location [1]
inFigure1and[1’]inFigure2),thePORReleasecounter
starts counting for tPORR. At this point, if VCC exceeds VUVLOH
[2’],theoutputwillgotoVCC / 2 after tUVLOD=14µs[3’].If
VCC does not exceed VUVLOH [2], the output will stay in the
high-impedance state until VCC reaches VUVLOH[3]andthen
will go to VCC / 2 after tUVLOD[4].
• VCC drops below VCC(min)= 4.5 V If VCC drops below
VUVLOL[4’,5],theUVLOEnableCounterstartscounting.If
VCC is still below VUVLOL when counter reaches tUVLOE, the
UVLOfunctionwillbeenabledandtheouputwillbepulled
nearGND[6].IfVCC exceeds VUVLOLbeforetheUVLO
EnableCounterreachestUVLOE[5’],theoutputwillcontinue
to be VCC/2.
Figure 2: POR and UVLO Operation – Fast Rise Time case
tUVLOE
tPORR
tPORR
tUVLOD
< tUVLOE
tUVLOD
tUVLOD
tUVLOE
1
1’ 2’
4’ 5’
6’ 7’
3’
2
5.0
VUVLOH
VUVLOH
VPORH
VPORL
VPORH
VPORL
VUVLOL
VUVLOL
2.5
High Impedance
High Impedance
High Impedance
High Impedance
Slope =
VCC /2
Slope =
VCC /2
GND
Time
Time
Time
Time
GND
VCC
VCC
VOUT
5.0
2.5
GND
GND
VOUT
3
5 6
7
11
8
10
9
4
Slope =
VCC /2
< tUVLOE
Figure 1: POR and UVLO Operation – Slow Rise Time case



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com