Electronic Components Datasheet Search
  English  ▼

X  

ACS780 Datasheet(PDF) 23 Page - Allegro MicroSystems

Part # ACS780
Description  High-Precision Linear Hall-Effect-Based Current Sensor IC With 200 關廓 Current Conductor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS780 Datasheet(HTML) 23 Page - Allegro MicroSystems

Back Button ACS780 Datasheet HTML 16Page - Allegro MicroSystems ACS780 Datasheet HTML 17Page - Allegro MicroSystems ACS780 Datasheet HTML 18Page - Allegro MicroSystems ACS780 Datasheet HTML 19Page - Allegro MicroSystems ACS780 Datasheet HTML 20Page - Allegro MicroSystems ACS780 Datasheet HTML 21Page - Allegro MicroSystems ACS780 Datasheet HTML 22Page - Allegro MicroSystems ACS780 Datasheet HTML 23Page - Allegro MicroSystems ACS780 Datasheet HTML 24Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
High-Precision Linear Hall-Effect-Based
Current Sensor IC With 200 µΩ Current Conductor
ACS780xLR
23
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Package LR, 7-Pin PSOF Package
PACKAGE OUTLINE DRAWING
C
= Supplier emblem
= Last three numbers of device part number
= Last two digits of year of manufacture
= Week of manufacture
= Lot identifier
N
Y
W
L
Standard Branding Reference View
LLLLLLL
NNN
YYWW
1
7
A
B
C
Dambar removal protrusion (16×)
Terminal #1 mark area
Branding scale and appearance at supplier discretion
D Hall elements (D1 and D2); not to scale
E
0.88
B
A
1
1
2
2
7
7
6.40 ±0.10
1.79 ±0.10 ×2
1.41 ×2
1.60 ±0.10 ×2
2.99 ±0.10
1.37 ±0.20
1.56 ±0.20
3.06 ±0.20
4.80 ±0.10
0.38 ±0.10 ×2
0.38 ±0.10 ×3
0.81 ±0.10 ×2
0.02
12º ±2º ×2
5º ±2º ×2
1.50 ±0.10
Branded Face
A
+0.03
-0.02 SEATING
PLANE
12º ±2º ×2
12º ±2º ×2
5º ±2º ×2
5º ±2º ×2
Parting Line
0.38+0.05
–0.03
(Plating Included)
0.70 ±0.10
1.73 ±0.10 ×2
0.90 ±0.10 ×2
0.28 ×2
0.50 ×2
R0.97 ±0.05
R0.25 ±0.05
R0.50 ×2
D
D1
D2
6.40 ±0.10
0.80 ±0.10
0.81
×2
For Reference Only, not for tooling use (DWG-0000428)
Dimensions in millimeters
Dimensions exclusive of mold flash, gate burs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
2
1
7
3.00
0.9
5.60
0.50
4.80
E
1.80 MIN
0.60
Reference land pattern layout;
All pads a minimum of 0.20 mm from all adjacent pads; adjust as
necessary to meet application process requirements and PCB
layout tolerances
1.60
PCB Layout Reference View
0.90
0.80
2.40
3
4
5
6
0.90
0.70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com