Electronic Components Datasheet Search
  English  ▼

X  

ACS780 Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # ACS780
Description  High-Precision Linear Hall-Effect-Based Current Sensor IC With 200 關廓 Current Conductor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS780 Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button ACS780 Datasheet HTML 6Page - Allegro MicroSystems ACS780 Datasheet HTML 7Page - Allegro MicroSystems ACS780 Datasheet HTML 8Page - Allegro MicroSystems ACS780 Datasheet HTML 9Page - Allegro MicroSystems ACS780 Datasheet HTML 10Page - Allegro MicroSystems ACS780 Datasheet HTML 11Page - Allegro MicroSystems ACS780 Datasheet HTML 12Page - Allegro MicroSystems ACS780 Datasheet HTML 13Page - Allegro MicroSystems ACS780 Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
High-Precision Linear Hall-Effect-Based
Current Sensor IC With 200 µΩ Current Conductor
ACS780xLR
10
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
X150B PERFORMANCE CHARACTERISTICS1: TOP = –40°C to 125°C, VCC= 5 V, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Primary Sampled Current
IP
Transient
–150
–
150
A
Continuous
–100
–
100
A
Sensitivity2
SensTA
Measured using 25% of full scale IP, TA = 25°C
12.9
13.33
13.76
mV/A
Sens(TOP)HT Measured using 25% of full scale IP, TOP = 25°C to 125°C
12.9
13.33
13.76
mV/A
Sens(TOP)LT Measured using 25% of full scale IP, TOP = –40°C to 25°C
12.83
13.33
13.83
mV/A
Noise4
VNOISEPP
Peak to peak, TA= 25°C, 1 nF on VOUT pin to GND
–
12
–
mV
INOISE
Input referred
–
0.4
–
mARMS
/
√(Hz)
Nonlinearity
ELIN
Measured at VOUT around 3.5 V and 4.5 V
–1
–
1
%
Electrical Offset Voltage5,6
VOE(TA)
IP = 0 A, TA = 25°C
–10
±3
10
mV
VOE(TOP)HT IP = 0 A, TOP = 25°C to 125°C
–10
±5
10
mV
VOE(TOP)LT
IP = 0 A, TOP = –40°C to 25°C
–20
±10
20
mV
Electric Offset Voltage Over
Lifetime3
ΔVOE(LIFE)
TOP = –40°C to 125°C, estimated shift after AEC-Q100 grade 0
qualification testing
–
±1
–
mV
Total Output Error
ETOT(HT)
Measured using 25% of full scale IP, TOP = 25°C to 125°C
–3.25
±0.8
3.25
%
ETOT(LT)
Measured using 25% of full scale IP, TOP = –40°C to 25°C
–3.75
±1.5
3.75
%
Total Output Error Including
Lifetime Drift7
ETOT(HT,LIFE) Measured using 25% of full scale IP, TOP = 25°C to 125°C
–4.1
±2.28
4.1
%
ETOT(LT,LIFE)
Measured using 25% of full scale IP, TOP = –40°C to 25°C
–5.6
±2.98
5.6
%
1
See Characteristic Performance Data page for parameter distributions over temperature range.
2
This parameter may drift a maximum of ΔSensLIFE over lifetime.
3
Based on characterization data obtained during standardized stress test for Qualification of Integrated Circuits, including Package Hysteresis. Cannot
be guaranteed. Drift is a function of customer application conditions. Please contact Allegro MicroSystems for further information.
4
±3 sigma noise voltage.
5
Drift is referred to ideal VOUT(QBI) = 2.5 V.
6
This parameter may drift a maximum of ΔVOE(LIFE) over lifetime.
7
The maximum drift of any single device during qualification testing was 4%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com