Electronic Components Datasheet Search
  English  ▼

X  

ACS780 Datasheet(PDF) 16 Page - Allegro MicroSystems

Part # ACS780
Description  High-Precision Linear Hall-Effect-Based Current Sensor IC With 200 關廓 Current Conductor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS780 Datasheet(HTML) 16 Page - Allegro MicroSystems

Back Button ACS780 Datasheet HTML 12Page - Allegro MicroSystems ACS780 Datasheet HTML 13Page - Allegro MicroSystems ACS780 Datasheet HTML 14Page - Allegro MicroSystems ACS780 Datasheet HTML 15Page - Allegro MicroSystems ACS780 Datasheet HTML 16Page - Allegro MicroSystems ACS780 Datasheet HTML 17Page - Allegro MicroSystems ACS780 Datasheet HTML 18Page - Allegro MicroSystems ACS780 Datasheet HTML 19Page - Allegro MicroSystems ACS780 Datasheet HTML 20Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
High-Precision Linear Hall-Effect-Based
Current Sensor IC With 200 µΩ Current Conductor
ACS780xLR
16
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Definitions of Dynamic Response Characteristics
POWER-ON TIME (tPO)
When the supply is ramped to its operating voltage, the device
requires a finite time to power its internal components before
responding to an input magnetic field.
Power-OnTime,tPO, is defined as the time it takes for the output
voltage to settle within ±10% of its steady state value under an
applied magnetic field, after the power supply has reached its
minimum specified operating voltage, VCC(min), as shown in the
chart at right.
RISE TIME (tr)
The time interval between a) when the device reaches 10% of its
full scale value, and b) when it reaches 90% of its full scale value.
Bothtr and tRESPONSE are detrimentally affected by eddy current
losses observed in the conductive IC ground plane.
RESPONSE TIME (tRESPONSE)
The time interval between a) when the applied current reaches
80% of its final value, and b) when the sensor reaches 80% of its
output corresponding to the applied current.
PROPAGATION DELAY (tPD)
The time interval between a) when the input current reaches 20%
of its final value, and b) when the output reaches 20% of its final
value.
POWER-ON RESET VOLTAGE (VPOR )
At power-up, to initialize to a known state and avoid current
spikes, the sensor is held in Reset state. The Reset signal is
disabled when VCC reaches VUVLOH and time tPORR has elapsed,
allowing output voltage to go from a high-impedance state
into normal operation. During power-down, the Reset signal is
enabled when VCC reaches VPORL, causing output voltage to go
into a high-impedance state. (Note that a detailed description
ofPORandUVLOoperationcanbefoundintheFunctional
Description section.)
Power-On Time (tPO)
Propagation Delay (tPD) and Rise Time (tr)
Response Time (tRESPONSE)
Primary Current
VOUT
90
10
20
0
(%)
Propagation Delay, tPROP
Rise Time, tr
t
Primary Current
VOUT
80
0
(%)
Response Time, tRESPONSE
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com