Electronic Components Datasheet Search
  English  ▼

X  

ACS780 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ACS780
Description  High-Precision Linear Hall-Effect-Based Current Sensor IC With 200 關廓 Current Conductor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS780 Datasheet(HTML) 1 Page - Allegro MicroSystems

  ACS780 Datasheet HTML 1Page - Allegro MicroSystems ACS780 Datasheet HTML 2Page - Allegro MicroSystems ACS780 Datasheet HTML 3Page - Allegro MicroSystems ACS780 Datasheet HTML 4Page - Allegro MicroSystems ACS780 Datasheet HTML 5Page - Allegro MicroSystems ACS780 Datasheet HTML 6Page - Allegro MicroSystems ACS780 Datasheet HTML 7Page - Allegro MicroSystems ACS780 Datasheet HTML 8Page - Allegro MicroSystems ACS780 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Application 1: The ACS780xLR outputs an analog signal, VOUT, that varies linearly with the bidirectional AC or DC primary
current, IP, within the range specified. CF is for optimal noise management, with values that depend on the application.
ACS780xLR
DESCRIPTION
The Allegro ACS780xLR is a fully integrated current sensor
linear IC in a new core-less package designed to senseAC and
DC currents up to 100 A. This automotive-grade, low-profile
(1.5 mm thick) sensor IC package has a very small footprint.
The Hall sensor technology also incorporates common-mode
field rejection to optimize performance in the presence of
interferingmagneticfieldsgeneratedbynearbycurrent-carrying
conductors.
Thedeviceconsistsofaprecision,low-offsetlinearHallcircuit
with a copper conduction path located near the die. Applied
current flowing through this copper conduction path generates
a magnetic field which the Hall IC converts into a proportional
voltage. Device accuracy is optimized through the close
proximity of the primary conductor to the Hall transducer and
factory programming of the sensitivity and quiescent output
voltage at the Allegro factory.
Chopper-stabilized signal path and digital temperature
compensation technology also contribute to the stability of the
device across the operating temperature range.
High-level immunity to current conductor dV/dt and stray
electricfieldsisofferedbyAllegroproprietaryintegratedshield
technology, for low-output voltage ripple and low-offset drift
in high-side, high-voltage applications.
Theoutputofthedevicehasapositiveslope(>VCC/2)whenan
increasingcurrentflowsthroughtheprimarycopperconduction
ACS780xLR-DS
High-Precision Linear Hall-Effect-Based
Current Sensor IC With 200 µΩ Current Conductor
Continued on the next page…
Typical Application
5 V
VOUT
RF
CF
CBYP
0.1 µF
IP+
IP–
GND
ACS780xLR
VOUT
VCC
IP
2
5
6
3
1
FEATURES AND BENEFITS
▪Core-less,micro-sized,100Acontinuouscurrentpackage
▪Ultra-lowpowerloss:200µΩinternalconductor
resistance
▪Immunitytocommon-modefieldinterference
▪Greatlyimprovedtotaloutputerrorthroughdigitally
programmed and compensated gain and offset over the full
operating temperature range
▪Industry-leadingnoiseperformancethroughproprietary
amplifier and filter design techniques
▪Integratedshieldgreatlyreducescapacitivecouplingfrom
current conductor to die due to high dV/dt signals, and
prevents offset drift in high-side, high-voltage applications
▪MonolithicHallICforhighreliability
▪4.5to5.5V,singlesupplyoperation
▪120kHztypicalbandwidth
▪3.6µsoutputrisetimeinresponsetostepinputcurrent
▪OutputvoltageproportionaltoACorDCcurrents
▪Factory-trimmedforaccuracy
▪Extremelystablequiescentoutputvoltage
▪AEC-Q100automotivequalification
PACKAGE:
7-pin PSOF package (suffix LR)
Not to scale


Similar Part No. - ACS780

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS780KLRTR-150B-T ALLEGRO-ACS780KLRTR-150B-T Datasheet
1Mb / 24P
Core-less, micro-sized, 100 A continuous current package
ACS780KLRTR-150U-T ALLEGRO-ACS780KLRTR-150U-T Datasheet
1Mb / 24P
Core-less, micro-sized, 100 A continuous current package
ACS780LLRTR-050B-T ALLEGRO-ACS780LLRTR-050B-T Datasheet
1Mb / 24P
Core-less, micro-sized, 100 A continuous current package
ACS780LLRTR-050U-T ALLEGRO-ACS780LLRTR-050U-T Datasheet
1Mb / 24P
Core-less, micro-sized, 100 A continuous current package
ACS780LLRTR-100B-T ALLEGRO-ACS780LLRTR-100B-T Datasheet
1Mb / 24P
Core-less, micro-sized, 100 A continuous current package
More results

Similar Description - ACS780

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS758XCB ALLEGRO-ACS758XCB Datasheet
594Kb / 16P
Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 關廓 Current Conductor
ACS758 ALLEGRO-ACS758_13 Datasheet
737Kb / 22P
Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 Current Conductor
ACS758 ALLEGRO-ACS758_16 Datasheet
1Mb / 22P
Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 關廓 Current Conductor
ACS770 ALLEGRO-ACS770 Datasheet
1Mb / 29P
Thermally Enhanced, Fully Integrated, Hall Effect-Based High Precision Linear Current Sensor IC with 100 關廓 Current Conductor
ACS781 ALLEGRO-ACS781 Datasheet
1Mb / 22P
High-Precision Linear Hall-Effect-Based Current Sensor IC With 200 關廓 Current Conductor
ACS772 ALLEGRO-ACS772 Datasheet
2Mb / 41P
High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 關廓 Current Conductor
ACS773 ALLEGRO-ACS773 Datasheet
1Mb / 26P
High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 關廓 Current Conductor
ACS72981XLR ALLEGRO-ACS72981XLR Datasheet
3Mb / 45P
High-Precision Linear Hall-Effect-Based Current Sensor IC with 200 關廓 Current Conductor
ACS72981 ALLEGRO-ACS72981 Datasheet
3Mb / 54P
Current Sensor IC with 200 關廓 Current Conductor
ACS72981XLR ALLEGRO-ACS72981XLR_V01 Datasheet
3Mb / 54P
High-Precision Linear Hall-Effect-Based Current Sensor IC with 200 μΩ Current Conductor
Rev. 9 September 24, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com