Electronic Components Datasheet Search
  English  ▼

X  

OPA623AP Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA623AP
Description  OPERATIONAL AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA623AP Datasheet(HTML) 3 Page - Texas Instruments

  OPA623AP Datasheet HTML 1Page - Texas Instruments OPA623AP Datasheet HTML 2Page - Texas Instruments OPA623AP Datasheet HTML 3Page - Texas Instruments OPA623AP Datasheet HTML 4Page - Texas Instruments OPA623AP Datasheet HTML 5Page - Texas Instruments OPA623AP Datasheet HTML 6Page - Texas Instruments OPA623AP Datasheet HTML 7Page - Texas Instruments OPA623AP Datasheet HTML 8Page - Texas Instruments OPA623AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
®
OPA623
OPA623AP, AU
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SPECIFICATIONS
At VCC = ±5VDC, IQ = ±4mA, RL = 100Ω, RIN = 210Ω, and TAMB = +25°C, unless otherwise specified.
FREQUENCY DOMAIN
Large Signal
VO = 2.8Vp-p, Gain = +1V/V
340
MHz
Closed-Loop Bandwidth (–3dB)
VO = 2.8Vp-p, Gain = +2V/V
350
MHz
VO = 2.8Vp-p, Gain = +5V/V
260
MHz
VO = 2.8Vp-p, Gain = +10V/V
210
MHz
VO = 2.8Vp-p, Gain = –1V/V
360
MHz
VO = 2.8Vp-p, Gain = –2V/V
330
MHz
VO = 5.0Vp-p, Gain = +2V/V
240
MHz
SMALL SIGNAL BANDWIDTH
VO = 0.2Vp-p, Gain = +2V/V
290
MHz
GROUP DELAY TIME
Pin 3 to Pin 6, Gain = +2V/V
1.2
ns
DIFFERENTIAL GAIN
G = +2V/V, f = 4.43MHz, RL = 150Ω
VO = +1.4V
0.12
%
DIFFERENTIAL PHASE
G = +2V/V, f = 4.43MHz, RL = 150Ω
VO = +1.4V
0.05
Degrees
HARMONIC DISTORTION
Gain = +2V/V
Second Harmonic
f = 10MHz, VO = 2.0Vp-p
–56
dBc
Third Harmonic
–59
dBc
Second Harmonic
f = 30MHz, VO = 2.0Vp-p
–30
dBc
Third Harmonic
–37
dBc
Second Harmonic
f = 50MHz, VO = 2.0Vp-p
–30
dBc
Third Harmonic
–33
dBc
GAIN FLATNESS PEAKING
Gain = +2V/V
VO = 2.0Vp-p, DC to 30MHz
0.05
dB
VO = 2.0Vp-p, DC to 100MHz
0.20
dB
TIME DOMAIN
Rise Time
Gain = +2V/V, 10% to 90%
VO = 2.0Vp-p
1.4
ns
VO = 5.0Vp-p
1.9
ns
Fall Time
Gain = +2V/V, 10% to 90%
VO = 2.0Vp-p
1.4
ns
VO = 5.0Vp-p
2.6
ns
SLEW RATE
Gain = +2V/V, Rise Time = 1ns
VO = 0.2Vp-p
140
V/
µs
VO = 5.0Vp-p
2100
V/
µs
SETTLING TIME
Gain = +2V/V, Rise Time = 2ns
9
ns
VO = 2Vp-p, 0.1%
AC-SPECIFICATION
Power Supply Voltage .........................................................................
±6V
Input Voltage(1) ........................................................................
±V
CC ±0.7V
Operating Temperature ................................................... –40
°C to +85°C
Storage Temperature ..................................................... –40
°C to +125°C
Junction Temperature ................................................................... +150
°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTE: (1) Inputs are internally diode-clamped to
±V
CC.
ABSOLUTE MAXIMUM RATINGS
PACKAGE
DRAWING
TEMPERATURE
PRODUCT
PACKAGE
NUMBER(1)
RANGE
OPA623AP
8-Pin Plastic DIP
006
–40
°C to +85°C
OPA623AU
SO-8 Surface Mount
182
–40
°C to +85°C
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.
PACKAGE/ORDERING INFORMATION
PIN CONFIGURATION
Top View
DIP/SO-8
NC
+V
CC
Out
8
7
6
NC
5
4
3
2
1
NC
–In
+In
–V
CC
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes
could cause the device not to meet its published specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com