Electronic Components Datasheet Search
  English  ▼

X  

OPA623AP Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA623AP
Description  OPERATIONAL AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA623AP Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA623AP Datasheet HTML 2Page - Texas Instruments OPA623AP Datasheet HTML 3Page - Texas Instruments OPA623AP Datasheet HTML 4Page - Texas Instruments OPA623AP Datasheet HTML 5Page - Texas Instruments OPA623AP Datasheet HTML 6Page - Texas Instruments OPA623AP Datasheet HTML 7Page - Texas Instruments OPA623AP Datasheet HTML 8Page - Texas Instruments OPA623AP Datasheet HTML 9Page - Texas Instruments OPA623AP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
®
OPA623
TYPICAL PERFORMANCE CURVES (CONT)
At VCC = ±5VDC, RL = 100Ω, IQ = ±4mA, RIN = 150Ω, and TAMB = +25°C unless otherwise noted.
INPUT IMPEDANCE vs FREQUENCY
10M
1M
100k
10k
1k
100
Frequency (Hz)
1k
10k
100k
1M
10M
100M
1G
OPEN-LOOP GAIN vs FREQUENCY
Frequency (Hz)
60
50
40
30
20
10
0
–10
–20
–30
–40
300k
1M
10M
100M
1G
3G
OPA623
3
2
6
100
Ω
V
OUT
180
Ω
V
IN
+
–
100k
1M
10M
100M
Frequency (Hz)
OUTPUT IMPEDANCE vs FREQUENCY
10k
51
Ω
OPA623
300
Ω
3
2
6
50
Ω
300
Ω
0dB
230
Ω
+
–
100
10
1
0.1
1G
Frequency (Hz)
GROUP DELAY TIME
3
2
1
0
–1
–2
–3
–4
–5
–6
–7
1M
10M
100M
300k
50
Ω
OPA623
3
2
6
50
Ω
V
IN
180
Ω
300
Ω
V
OUT
Group Delay Time
+
–
300
Ω
SMALL SIGNAL PULSE RESPONSE
Time (ns)
160
120
80
40
0
–40
–80
–120
–160
0
102030405060708090
100
G
CL= +2V/V, VOUT = 0.2Vp-p, tRISE= tFALL = 1ns (Generator)
SMALL SIGNAL PULSE RESPONSE
Time (ns)
160
120
80
40
0
–40
–80
–120
–160
0
102030405060708090
100
G
CL= +10V/V, VOUT = 0.2Vp-p, tRISE= tFALL= 1ns(Generator)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com