Electronic Components Datasheet Search
  English  ▼

X  

OPA623AP Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA623AP
Description  OPERATIONAL AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA623AP Datasheet(HTML) 1 Page - Texas Instruments

  OPA623AP Datasheet HTML 1Page - Texas Instruments OPA623AP Datasheet HTML 2Page - Texas Instruments OPA623AP Datasheet HTML 3Page - Texas Instruments OPA623AP Datasheet HTML 4Page - Texas Instruments OPA623AP Datasheet HTML 5Page - Texas Instruments OPA623AP Datasheet HTML 6Page - Texas Instruments OPA623AP Datasheet HTML 7Page - Texas Instruments OPA623AP Datasheet HTML 8Page - Texas Instruments OPA623AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
®
OPA623
©1991 Burr-Brown Corporation
PDS-1132E
Printed in U.S.A. December, 1993
OPA623
OPA623
OPA623
Wide Bandwidth, Current-Feedback
OPERATIONAL AMPLIFIER
FEATURES
APPLICATIONS
q BANDWIDTH: 350MHz, 2.8Vp-p
q HIGH OUTPUT CURRENT:
±70mA
q SLEW RATE: 2100V/
µs, 5Vp-p
q DIFFERENTIAL GAIN/PHASE: 0.12%/0.05
°
q LOW QUIESCENT CURRENT:
±4mA
q LOW INPUT BIAS CURRENT: 1.2
µA
q RISE TIME: 1.9ns, 5Vp-p
q SETTLING TIME: 9ns, 0.1%
q BROADCAST/HDTV EQUIPMENT
q HIGH-SPEED DIGITAL COMMUNICATIONS
q PULSE/RF AMPLIFIERS
q HIGH-SPEED ANALOG SIGNAL
PROCESSING
q LINE DRIVING (50
Ω, 75Ω)
q DISTRIBUTION AMP
q CRT OUTPUT STAGE DRIVER
q ACTIVE FILTER
LARGE SIGNAL PULSE RESPONSE
Output Voltage - 5Vp-p, 5ns/DIV
+2.5V
OV
–2.5V
The OPA623 operates from a
±5V supply, is speci-
fied for the extended industrial temperature range
(–40
°C to +85°C), and is available in plastic SO-8
and 8-pin plastic DIP packages.
The OPA623 is a current-feedback operational ampli-
fier designed for precision wide-bandwidth systems
including high-resolution video, RF and IF circuitry,
and communications equipment.
The new circuit design, together with the complemen-
tary bipolar process, achieves performance pre-
viously unattainable in monolithic integrated circuit
technology.
The current-feedback op amp is optimized for wide
bandwidth, excellent pulse response, gain flatness,
low distortion, and operation at a low quiescent cur-
rent of
±4mA.
It provides a 350MHz large-signal bandwidth at
2.8Vp-p output voltage, as well as a 2100V/
µs slew
rate. The gain flatness of 0.05dB over a 30MHz
bandwidth makes it suitable for HDTV designs. An-
other feature of the op amp is its high output current
of
±70mA, enabling it to drive two back-terminated
75
Ω cables when using the amplifier as a line driver in
video routers, distribution amplifiers, and analog and
digital communications equipment.
OPA623
R
2
R
1
300
Ω
R
IN
6
V
OUT = 5.0Vp-p
300
Ω
180
Ω
–V
CC
+V
CC
4
7
2
3
V
IN = 2.5Vp-p
G = 1 + R
2/R1 = +2V/V
DESCRIPTION
®
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132


Similar Part No. - OPA623AP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA623AP BURR-BROWN-OPA623AP Datasheet
254Kb / 15P
Wide Bandwidth, Current-Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA623AP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
Operational Amplifier
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
Operational Amplifier
LT1222 LINER-LT1222_15 Datasheet
261Kb / 12P
Operational Amplifier
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
Operational Amplifier
logo
Texas Instruments
LM741 TI1-LM741 Datasheet
815Kb / 18P
Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com