Electronic Components Datasheet Search
  English  ▼

X  

OPA623AP Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA623AP
Description  OPERATIONAL AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA623AP Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA623AP Datasheet HTML 5Page - Texas Instruments OPA623AP Datasheet HTML 6Page - Texas Instruments OPA623AP Datasheet HTML 7Page - Texas Instruments OPA623AP Datasheet HTML 8Page - Texas Instruments OPA623AP Datasheet HTML 9Page - Texas Instruments OPA623AP Datasheet HTML 10Page - Texas Instruments OPA623AP Datasheet HTML 11Page - Texas Instruments OPA623AP Datasheet HTML 12Page - Texas Instruments OPA623AP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
®
OPA623
DISCUSSION OF
PERFORMANCE
Requiring very low quiescent power, the OPA623 achieves
its exceptional AC performance by using the current-feed-
back topology. This wide-band monolithic operational am-
plifier is designed for gain applications of up to 20V/V,
where power and cost are of primary concern.
Operating from a
±5V supply, the OPA623 consumes only
40mW, yet maintains a 350MHz large-signal bandwidth at
V
OUT = 2.8Vp-p and a 2100V/µs slew rate. Benefiting
from the current-feedback architecture, the OPA623 offers
stable operation with no compensation capacitor, even at
unity gain.
With its low differential gain and phase errors of typically
0.12% and 0.05
° at 4.43MHz, the OPA623 meets the perfor-
mance and cost requirements of high-volume broadcast and
HDTV applications.
The OPA623’s large-signal bandwidth, high slew rate,
excellent pulse response, and high drive capabilities are
features well-suited to wide-band RGB video applica-
tions, RF instruments, and even high-speed digital com-
munication systems.
For most circuit configurations, the OPA623 current-
feedback op amp can be treated like a conventional op
amp. As with a voltage-feedback op amp, the feedback
network connected to the inverting input controls the
closed-loop gain. But with a current-feedback op amp, the
impedance of the feedback network also controls the
open-loop gain and frequency response. Feedback resis-
tor values can be selected to provide nearly constant
closed-loop bandwidth over a wide range of gains and flat
gain adjustment vs frequency.
DESCRIPTION
A wide-band operational transconductance amplifier (OTA)
and an output buffer are the main blocks of a current-
feedback op amp. The simplified circuit diagram is illus-
trated in Figure 2. The OTA consists of a complementary
unity-gain amplifier and a subsequent current mirror. The
input buffer is connected across the inputs of the op amp.
The voltage at the high-impedance +In terminal is trans-
ferred to the –In terminal at a low impedance. The current
mirrors reflect any current flowing into or out of the +In
terminal by a fixed ratio to the high-impedance OTA output,
which is directly connected to the complementary output
buffer. It is designed to drive low-impedance transmission
FIGURE 2. Simplified Circuit Diagram.
+In
3
2
6
V
OUT
–V
CC = –5V
4
7
+V
CC = +5V
OTA
BUFFER
Bias
Circuitry
–In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com