Electronic Components Datasheet Search
  English  ▼

X  

GS2962 Datasheet(PDF) 49 Page - Semtech Corporation

Part # GS2962
Description  3G/HD/SD-SDI Serializer with Complete SMPTE Video Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2962 Datasheet(HTML) 49 Page - Semtech Corporation

Back Button GS2962 Datasheet HTML 45Page - Semtech Corporation GS2962 Datasheet HTML 46Page - Semtech Corporation GS2962 Datasheet HTML 47Page - Semtech Corporation GS2962 Datasheet HTML 48Page - Semtech Corporation GS2962 Datasheet HTML 49Page - Semtech Corporation GS2962 Datasheet HTML 50Page - Semtech Corporation GS2962 Datasheet HTML 51Page - Semtech Corporation GS2962 Datasheet HTML 52Page - Semtech Corporation GS2962 Datasheet HTML 53Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 82 page
background image
GS2962 3G/HD/SD-SDI Serializer with Complete
SMPTE Video Support
Data Sheet
48005 - 7
October 2010
49 of 82
274M (HD)
1920x1080/60 (2:1)
or
1920x1080/30 (PsF)
268
1920
2200
10, 572
0Ah
0
1920x1080/50 (2:1)
or
1920x1080/25 (PsF)
708
1920
2640
10, 572
0Ch0
1920x1080/30 (1:1)
268
1920
2200
10 (18)1
0Bh
0
1920x1080/25 (1:1)
708
1920
2640
10 (18)1
0Dh
0
1920x1080/24 (1:1)
818
1920
2750
10 (18)1
10h
0
1920x1080/24 (PsF)
818
1920
2750
10, 572
11h
0
1920x1080/25 (1:1) –
EM
324
2304
2640
10 (18)1
0Eh
0
1920x1080/25 (PsF) –
EM
324
2304
2640
10, 572
0Fh
0
1920x1080/24 (1:1) –
EM
338
2400
2750
10 (18)1
12h
0
1920x1080/24 (PsF) –
EM
338
2400
2750
10, 572
13h
0
296M (HD)
1280x720/30 (1:1)
2008
1280
3300
10 (13)1
02h
0
1280x720/30 (1:1) –
EM
408
2880
3300
10 (13)1
03h
0
1280x720/50 (1:1)
688
1280
1980
10 (13)1
04h
0
1280x720/50 (1:1) –
EM
240
1728
1980
10 (13)1
05h
0
1280x720/25 (1:1)
2668
1280
3960
10 (13)1
06h0
1280x720/25 (1:1) –
EM
492
3456
3960
10 (13)1
07h
0
1280x720/24 (1:1)
2833
1280
4125
10 (13)1
08h
0
1280x720/24 (1:1) –
EM
513
3600
4125
10 (13)1
09h
0
1280x720/60 (1:1)
358
1280
1650
10 (13)1
00h
0
1280x720/60 (1:1) –
EM
198
1440
1650
10 (13)1
01h
0
Table 4-5: Supported Video Standards (Continued)
SMPTE
STANDARD
ACTIVE
VIDEO
AREA
LENGTH
OF
HANC
LENGTH
OF ACTIVE
VIDEO
TOTAL
SAMPLES
SMPTE
352M
LINES
Gennum
VD_STD
[4:0]
RATE_
SEL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com