Electronic Components Datasheet Search
  English  ▼

X  

GS2962 Datasheet(PDF) 30 Page - Semtech Corporation

Part # GS2962
Description  3G/HD/SD-SDI Serializer with Complete SMPTE Video Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2962 Datasheet(HTML) 30 Page - Semtech Corporation

Back Button GS2962 Datasheet HTML 26Page - Semtech Corporation GS2962 Datasheet HTML 27Page - Semtech Corporation GS2962 Datasheet HTML 28Page - Semtech Corporation GS2962 Datasheet HTML 29Page - Semtech Corporation GS2962 Datasheet HTML 30Page - Semtech Corporation GS2962 Datasheet HTML 31Page - Semtech Corporation GS2962 Datasheet HTML 32Page - Semtech Corporation GS2962 Datasheet HTML 33Page - Semtech Corporation GS2962 Datasheet HTML 34Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 82 page
background image
GS2962 3G/HD/SD-SDI Serializer with Complete
SMPTE Video Support
Data Sheet
48005 - 7
October 2010
30 of 82
The input data width is controlled by the setting of the 20BIT/10BIT pin as shown in
Table 4-2 above.
NOTE: When in HD 10-bit mode, asserting the SMPTE_BYPASS LOW to put the device
in SMPTE-BYPASS mode will create video errors. If the user desires to use the device as
a simple serializer in HD 10-bit mode, all video processing features may be disabled by
setting the IOPROC_EN/DIS pin LOW.
4.2.4 Parallel Input Clock (PCLK)
The frequency of the PCLK input signal of the GS2962 is determined by the input data
format and operating mode selection.
Table 4-3 below lists the input PCLK rates and input signal formats according to the
external selection pins for the GS2962.
Table 4-3: GS2962 PCLK Input Rates
Input Data Format
Pin Settings
PCLK Rate
20BIT/10BIT
RATE_
SEL0
RATE_
SEL1
SMPTE_
BYPASS
DVB-ASI
20-bit demultiplexed
3G format
HIGHLOW
HIGHHIGH
X
148.5 or 148.5/1.001MHz
20-bit demultiplexed
HD format
HIGH
LOW
LOW
HIGH
X
74.25 or 74.25/1.001MHz
20-bit data Input
3G format
HIGHLOW
HIGH
LOW
LOW
148.5 or 148.5/1.001MHz
20-bit data input
HD format
HIGH
LOW
LOW
LOW
LOW
74.25 or 74.25/1.001MHz
20-bit demultiplexed
SD format
HIGHHIGHX
HIGH
LOW
13.5MHz
20-bit data input
SD format
HIGHHIGH
X
LOW
LOW
13.5MHz
10-bit multiplexed
3G DDR format
LOW
LOW
HIGHHIGH
LOW
148.5 or 148.5/1.001MHz
10-bit multiplexed
HD format
LOW
LOW
LOW
HIGH
LOW
148.5 or 148.5/1.001MHz
10-bit data input
HD format
LOW
LOW
LOW
LOW
LOW
148.5 or 148.5/1.001MHz
10-bit multiplexed
SD format
LOW
HIGHX
HIGH
X
27MHz
10-bit data input
SD format
LOW
HIGH
X
LOW
LOW
27MHz
10-bit ASI input
SD format
LOW
HIGH
X
LOW
HIGH
27MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com