Electronic Components Datasheet Search
  English  ▼

X  

GS2962 Datasheet(PDF) 23 Page - Semtech Corporation

Part # GS2962
Description  3G/HD/SD-SDI Serializer with Complete SMPTE Video Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2962 Datasheet(HTML) 23 Page - Semtech Corporation

Back Button GS2962 Datasheet HTML 19Page - Semtech Corporation GS2962 Datasheet HTML 20Page - Semtech Corporation GS2962 Datasheet HTML 21Page - Semtech Corporation GS2962 Datasheet HTML 22Page - Semtech Corporation GS2962 Datasheet HTML 23Page - Semtech Corporation GS2962 Datasheet HTML 24Page - Semtech Corporation GS2962 Datasheet HTML 25Page - Semtech Corporation GS2962 Datasheet HTML 26Page - Semtech Corporation GS2962 Datasheet HTML 27Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 82 page
background image
GS2962 3G/HD/SD-SDI Serializer with Complete
SMPTE Video Support
Data Sheet
48005 - 7
October 2010
23 of 82
Figure 3-5: Digital Input Pin with weak pull-up - maximum pull-up current
<110mA (CS_TMS, SDO_EN/DIS, TMS)
Figure 3-6: Bidirectional Digital Input/Output Pin with programmable drive
strength. These pins are configured to input at all times except in test mode.
(DIN0, DIN2, DIN3, DIN4, DIN5, DIN6, DIN7, DIN8, DIN9, DIN10, DIN11, DIN12,
DIN13, DIN14, DIN15, DIN16, DIN17, DIN18, DIN19, DIN1)
200Ω
Input Pin
IO_VDD
IO_VDD
IO_VDD
200Ω
Output Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com