Electronic Components Datasheet Search
  English  ▼

X  

GS2962 Datasheet(PDF) 28 Page - Semtech Corporation

Part # GS2962
Description  3G/HD/SD-SDI Serializer with Complete SMPTE Video Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2962 Datasheet(HTML) 28 Page - Semtech Corporation

Back Button GS2962 Datasheet HTML 24Page - Semtech Corporation GS2962 Datasheet HTML 25Page - Semtech Corporation GS2962 Datasheet HTML 26Page - Semtech Corporation GS2962 Datasheet HTML 27Page - Semtech Corporation GS2962 Datasheet HTML 28Page - Semtech Corporation GS2962 Datasheet HTML 29Page - Semtech Corporation GS2962 Datasheet HTML 30Page - Semtech Corporation GS2962 Datasheet HTML 31Page - Semtech Corporation GS2962 Datasheet HTML 32Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 82 page
background image
GS2962 3G/HD/SD-SDI Serializer with Complete
SMPTE Video Support
Data Sheet
48005 - 7
October 2010
28 of 82
The GS2962 is a high performance 3Gb/s capable transmitter. In order to optimize the
output jitter performance across all operating conditions, input levels and overshoot at
the parallel video data inputs of the device need to be controlled. In order to do this,
source series termination resistors should be used to match the impedance of the PCB
data trace line. IBIS models can be used to simulate the board effects and then optimize
the output drive strength and the termination resistors to allow for the best transition
(one that produces minimal overshoot). If this is not viable, Gennum recommends
matching the source series resistance to the trace impedance, and then adjusting the
output drive strength to the minimum value that will give zero errors.
The above also applies to the PCLK input line. HVF should also be well terminated,
however due to the lower data rates and transition density, it is not as critical.
4.2.1 Parallel Input in SMPTE Mode
When the device is operating in SMPTE mode (SMPTE_BYPASS = HIGH), data must be
presented to the input bus in either multiplexed or demultiplexed form, depending on
the setting of the 20BIT/10BIT pin.
20-bit demultiplexed
HD format
HIGHLOW
LOW
HIGHLOW
Chroma
Luma
20-bit data Input
HD format
HIGH
LOW
LOW
LOW
LOW
DATA
DATA
20-bit demultiplexed SD
format
HIGHHIGHX
HIGHLOW
Chroma
Luma
20-bit data input
SD format
HIGHHIGH
X
LOW
LOW
DATA
DATA
10-bit multiplexed
3G DDR format
LOW
LOW
HIGHHIGHLOW
High
Impedance
Data Stream
One/Data Stream
Two
10-bit multiplexed
HD format
LOW
LOW
LOW
HIGHLOW
High
Impedance
Luma/Chroma
10-bit data input
HD format
LOW
LOW
LOW
LOW
LOW
High
Impedance
DATA
10-bit multiplexed
SD format
LOW
HIGHX
HIGHLOW
High
Impedance
Luma/Chroma
10-bit multiplexed
SD format
LOW
HIGHX
LOW
LOW
High
Impedance
DATA
10-bit ASI input
SD format
LOW
HIGH
X
LOW
HIGHHigh
Impedance
DVB-ASI data
Table 4-2: GS2962 Input Video Data Format Selections (Continued)
Input Data Format
Pin/Register Bit Settings
DIN[9:0]
DIN[19:10]
20BIT
/10BIT
RATE
_SEL0
RATE
_SEL1
SMPTE
_BYPASS
DVB_ASI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com