Electronic Components Datasheet Search
  English  ▼

X  

GS2962 Datasheet(PDF) 1 Page - Semtech Corporation

Part # GS2962
Description  3G/HD/SD-SDI Serializer with Complete SMPTE Video Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2962 Datasheet(HTML) 1 Page - Semtech Corporation

  GS2962 Datasheet HTML 1Page - Semtech Corporation GS2962 Datasheet HTML 2Page - Semtech Corporation GS2962 Datasheet HTML 3Page - Semtech Corporation GS2962 Datasheet HTML 4Page - Semtech Corporation GS2962 Datasheet HTML 5Page - Semtech Corporation GS2962 Datasheet HTML 6Page - Semtech Corporation GS2962 Datasheet HTML 7Page - Semtech Corporation GS2962 Datasheet HTML 8Page - Semtech Corporation GS2962 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
1 of 82
GS2962 3G/HD/SD-SDI Serializer with Complete
SMPTE Video Support
Data Sheet
48005 - 7
October 2010
GS2962 3G/HD/SD-SDI Serializer with Complete SMPTE Video Support
www.gennum.com
Key Features
• Operation at 2.970Gb/s, 2.970/1.001Gb/s, 1.485Gb/s,
1.485/1.001Gb/s and 270Mb/s
• Supports SMPTE 425M (Level A and Level B), SMPTE
424M, SMPTE 292, SMPTE 259M-C and DVB-ASI
• Integrated Cable Driver
• Integrated, low noise VCO
• Integrated Narrow-Bandwidth PLL
• Ancillary data insertion
• Optional conversion from SMPTE 425M Level A to
Level B for 1080p 50/60 4:2:2 10-bit
• Parallel data bus selectable as either 20-bit or 10-bit
• SMPTE video processing including TRS calculation and
insertion, line number calculation and insertion, line
based CRC calculation and insertion, illegal code
re-mapping, SMPTE 352M payload identifier
generation and insertion
•GSPI host interface
• 1.2V digital core power supply, 1.2V and 3.3V analog
power supplies, and selectable 1.8V or 3.3V I/O power
supply
• -20ºC to +85ºC operating temperature range
• Low power operation (typically at 400mW, including
Cable Driver)
• Small 11mm x 11mm 100-ball BGA package
• Pb-free and RoHS compliant
Applications
Description
The GS2962 is a complete SDI Transmitter, generating a
SMPTE 424M, SMPTE 292, SMPTE 259M-C or DVB-ASI
compliant serial digital output signal.
The integrated narrow-BW PLL allows the device to accept
parallel clocks with high input jitter, and still provide a
SMPTE compliant serial digital output.
The device can operate in four basic user selectable modes:
SMPTE mode, DVB-ASI mode, Data-Through mode, or
Standby mode.
In SMPTE mode, the GS2962 performs all SMPTE
processing features. Both SMPTE 425M Level A and Level B
formats are supported with optional conversion from Level
A to Level B for 1080p 50/60 4:2:2 10-bit.
In DVB-ASI mode, the device will perform 8b/10b encoding
prior to transmission.
In Data-Through mode, all SMPTE and DVB-ASI processing
is disabled. The device can be used as a simple parallel to
serial converter.
The device can also operate in a lower power Standby
mode. In this mode, no signal is generated at the output.
The GS2962 integrates a fully SMPTE-compliant Cable
Driver for SMPTE 259M-C, SMPTE 292 and SMPTE 424M
interfaces. It features automatic dual slew-rate selection,
depending on 3Gb/s or HD or SD operational requirements.
HD-SDI
Application: Single Link (3G-SDI)
to Dual Link (HD-SDI) Converter
GS2962
Link A
Link B
HV F/PCLK
10-bit
3G-SDI
GS2960
EQ
GS2974
GS2962
10-bit
HV F/PCLK
HD-SDI
Application: Dual Link (HD-SDI)
to Single Link (3G-SDI) Converter
HD-SDI
Deserializer
(GS1559 or
GS2970)
Link A
FIFO
WR
Deserializer
Link B
FIFO
WR
GS2962
GS4910
10-bit
3G-SDI
HV F
XTAL
HV F/PCLK
HV F/PCLK
HV F/PCLK
(GS1559 or
GS2970)
10-bit
10-bit
10-bit
HD-SDI
HD-SDI
HD-SDI
EQ
EQ
GS2974B
GS2974B


Similar Part No. - GS2962

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2962 GENNUM-GS2962 Datasheet
2Mb / 82P
Integrated Narrow-Bandwidth PLL
More results

Similar Description - GS2962

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-332 GLENAIR-050-332 Datasheet
708Kb / 16P
SMPTE HD-SDI AND 3G-SDI
logo
Semtech Corporation
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2960 SEMTECH-GS2960 Datasheet
7Mb / 97P
3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1662 SEMTECH-GS1662 Datasheet
2Mb / 73P
HD/SD-SDI Serializer with Complete SMPTE Video Support
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1672 SEMTECH-GS1672 Datasheet
3Mb / 116P
HD/SD-SDI Serializer with Complete SMPTE Audio & Video Support
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2972 SEMTECH-GS2972 Datasheet
3Mb / 125P
3G/HD/SD-SDI Serializer with Complete SMPTE Audio & Video Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com