Electronic Components Datasheet Search
  English  ▼

X  

GS2962 Datasheet(PDF) 13 Page - Semtech Corporation

Part # GS2962
Description  3G/HD/SD-SDI Serializer with Complete SMPTE Video Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2962 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button GS2962 Datasheet HTML 9Page - Semtech Corporation GS2962 Datasheet HTML 10Page - Semtech Corporation GS2962 Datasheet HTML 11Page - Semtech Corporation GS2962 Datasheet HTML 12Page - Semtech Corporation GS2962 Datasheet HTML 13Page - Semtech Corporation GS2962 Datasheet HTML 14Page - Semtech Corporation GS2962 Datasheet HTML 15Page - Semtech Corporation GS2962 Datasheet HTML 16Page - Semtech Corporation GS2962 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 82 page
background image
GS2962 3G/HD/SD-SDI Serializer with Complete
SMPTE Video Support
Data Sheet
48005 - 7
October 2010
13 of 82
G7IOPROC_EN/DIS
Input
CONTROL SIGNAL INPUT.
Signal levels are LVCMOS/LVTTL compatible.
Used to enable or disable the I/O processing features.
When IOPROC_EN/DIS is HIGH, the I/O processing features of the
device are enabled. When IOPROC_EN/DIS is LOW, the I/O processing
features of the device are disabled.
Only applicable in SMPTE mode.
G8RESET
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Used to reset the internal operating conditions to default settings
and to reset the JTAG sequence.
Normal mode (JTAG/HOST = LOW).
When LOW, all functional blocks will be set to default conditions
and all input and output signals become high impedance.
When HIGH, normal operation of the device resumes.
JTAG test mode (JTAG/HOST = HIGH).
When LOW, all functional blocks will be set to default and the JTAG
test sequence will be reset.
When HIGH, normal operation of the JTAG test sequence resumes.
H3
ANC_BLANK
Input
CONTROL SIGNAL INPUT.
Signal levels are LVCMOS / LVTTL compatible.
When ANC_BLANK is LOW, the Luma and Chroma input data is set
to the appropriate blanking levels during the H and V blanking
intervals.
When ANC_BLANK is HIGH, the blanking function is disabled.
Only applicable in SMPTE mode.
H4
LOCKED
Output
STATUS SIGNAL OUTPUT.
Signal levels are LVCMOS / LVTTL compatible.
PLL lock indication.
HIGH indicates PLL is locked.
LOW indicates PLL is not locked.
H8
JTAG/HOST
Input
CONTROL SIGNAL INPUT.
Signal levels are LVCMOS / LVTTL compatible.
Used to select JTAG test mode or host interface mode.
When JTAG/HOST is HIGH, the host interface port is configured for
JTAG test.
When JTAG/HOST is LOW, normal operation of the host interface
port resumes and the separate JTAG pins become the JTAG port.
J8TCK
Input
COMMUNICATION SIGNAL INPUT.
Signal levels are LVCMOS/LVTTL compatible.
JTAG Serial Data Clock Signal.
This pin is the JTAG clock when the JTAG/HOST pin is LOW.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com