Electronic Components Datasheet Search
  English  ▼

X  

GS2972 Datasheet(PDF) 4 Page - Semtech Corporation

Part # GS2972
Description  3G/HD/SD-SDI Serializer with Complete SMPTE Audio & Video Support
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2972 Datasheet(HTML) 4 Page - Semtech Corporation

  GS2972 Datasheet HTML 1Page - Semtech Corporation GS2972 Datasheet HTML 2Page - Semtech Corporation GS2972 Datasheet HTML 3Page - Semtech Corporation GS2972 Datasheet HTML 4Page - Semtech Corporation GS2972 Datasheet HTML 5Page - Semtech Corporation GS2972 Datasheet HTML 6Page - Semtech Corporation GS2972 Datasheet HTML 7Page - Semtech Corporation GS2972 Datasheet HTML 8Page - Semtech Corporation GS2972 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 125 page
background image
GS2972 3G/HD/SD-SDI Serializer with Complete
SMPTE Audio & Video Support
Final Data Sheet
Rev. 9
GENDOC-047479
September 2013
4 of 125
www.semtech.com
Revision History
Version
ECO
PCN
Date
Changes and/or Modifications
9
014806
–
September 2013
Updates throughout the document.
8
011355
–
February 2013
Updated to the Semtech Template.
7
155820
56554
February 2011
Added section 4.7.22.2 Blanking Values Following Audio
Data Packet Insertion.
6
155608
–
January 2011
Clarified the function of the ACS_REGEN bit in
Section 4.7.11 Audio Channel Status.
5
155080
56059
October 2010
Revised power rating in standby mode. Documented
CSUM behaviour in Section 4.8, Section 4.9.4 and Video
Core Configuration and Status Registers.
4
153717
–
March 2010
Updates throughout entire document. Added Figure 4-2,
Figure 4-3 and Figure 4-4. Correction to registers 040h to
13Fh in Table 4-34: Video Core Configuration and Status
Registers.
3
152220
–
July 2009
Updated Device Latency numbers in 2.4 AC Electrical
Characteristics. Updates to 4.8 ANC Data Insertion.
Replaced 7.3 Marking Diagram.
2
151320
−
January 2009
Correction to timing values in Table 4-1: GS2972 Digital
Input AC Electrical Characteristics.
1
150803
−
December 2008
Converted to Data Sheet. Updates to all sections.
0
150717
–
October 2008
Converted to Preliminary Data Sheet.
D
149428
–
August 2008
Updated Typical Application Circuit. Applied new format
to the document. Updates to all sections.
C
148810
–
February 2008
Updates to all sections.
B
148770
–
December 2007
Updates and revised 5.1 Typical Application Circuit.
A
147987
–
December 2007
New Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com