Electronic Components Datasheet Search
  English  ▼

X  

GS2972 Datasheet(PDF) 30 Page - Semtech Corporation

Part # GS2972
Description  3G/HD/SD-SDI Serializer with Complete SMPTE Audio & Video Support
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2972 Datasheet(HTML) 30 Page - Semtech Corporation

Back Button GS2972 Datasheet HTML 26Page - Semtech Corporation GS2972 Datasheet HTML 27Page - Semtech Corporation GS2972 Datasheet HTML 28Page - Semtech Corporation GS2972 Datasheet HTML 29Page - Semtech Corporation GS2972 Datasheet HTML 30Page - Semtech Corporation GS2972 Datasheet HTML 31Page - Semtech Corporation GS2972 Datasheet HTML 32Page - Semtech Corporation GS2972 Datasheet HTML 33Page - Semtech Corporation GS2972 Datasheet HTML 34Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 125 page
background image
GS2972 3G/HD/SD-SDI Serializer with Complete
SMPTE Audio & Video Support
Final Data Sheet
Rev. 9
GENDOC-047479
September 2013
30 of 125
www.semtech.com
4. Detailed Description
4.1 Functional Overview
The GS2972 is a Multi-Rate Transmitter with integrated SMPTE digital video processing
and an integrated Cable Driver and embedded Audio Multiplexer. It provides a
complete transmit solution at 2.970Gb/s, 2.970/1.001Gb/s, 1.485Gb/s, 1.485/1.001Gb/s
or 270Mb/s.
The device has four basic modes of operation that must be set through external device
pins: SMPTE mode, DVB-ASI mode, Data-Through mode and Standby mode.
In SMPTE mode, the device will accept 10-bit multiplexed or 20-bit demultiplexed
SMPTE compliant data. By default, the device's additional processing features, including
audio embedding, will be enabled in this mode.
In DVB-ASI mode, the GS2972 will accept an 8-bit parallel DVB-ASI compliant transport
stream on DIN[17:10]. The serial output data stream will be 8b/10b encoded with
stuffing characters added as per the standard.
Data-Through mode allows for the serializing of data not conforming to SMPTE or
DVB-ASI streams. No additional processing will be done in this mode.
In addition, the device may be put into Standby, to reduce power consumption.
The serial digital output features a high-impedance mode and adjustable signal swing.
The output slew rate is automatically set by the RATE_SEL0 and RATE_SEL1 pin setting.
The GS2972 provides several data processing functions; including generic ANC
insertion, SMPTE ST 352 and EDH data packet generation and insertion, automatic video
standards detection, and TRS, CRC, ANC data checksum, and line number calculation
and insertion. These features are all enabled/disabled collectively using the external I/O
processing pin, but may be individually disabled via internal registers accessible
through the GSPI host interface.
Finally, the GS2972 contains a JTAG interface for boundary scan test implementations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com