Electronic Components Datasheet Search
  English  ▼

X  

GS2972 Datasheet(PDF) 55 Page - Semtech Corporation

Part # GS2972
Description  3G/HD/SD-SDI Serializer with Complete SMPTE Audio & Video Support
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2972 Datasheet(HTML) 55 Page - Semtech Corporation

Back Button GS2972 Datasheet HTML 51Page - Semtech Corporation GS2972 Datasheet HTML 52Page - Semtech Corporation GS2972 Datasheet HTML 53Page - Semtech Corporation GS2972 Datasheet HTML 54Page - Semtech Corporation GS2972 Datasheet HTML 55Page - Semtech Corporation GS2972 Datasheet HTML 56Page - Semtech Corporation GS2972 Datasheet HTML 57Page - Semtech Corporation GS2972 Datasheet HTML 58Page - Semtech Corporation GS2972 Datasheet HTML 59Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 125 page
background image
GS2972 3G/HD/SD-SDI Serializer with Complete
SMPTE Audio & Video Support
Final Data Sheet
Rev. 9
GENDOC-047479
September 2013
55 of 125
www.semtech.com
4.7.13 Audio Word Clock
When the GS2972 combines two stereo pair inputs into one audio group, the format
allows for only one Word Clock, or sampling clock.
For the Primary group, the GS2972 uses the Word Clock associated with the source
selected by the GPA_WCLK_SRC[2:0] host interface field. If in SD mode, address 40Ch.
If in HD/3G mode, address 80Bh.
For the Secondary group, the GS2972 uses the Word Clock associated with the source
selected by the GPB_WCLK_SRC[2:0] host interface field. If in SD mode, address 40Dh.
If in HD/3G mode, address 80Ch.
For proper operation, the combined Stereo Pair inputs must have identical Word Clocks.
WCLK is not required for AES/EBU audio.
4.7.14 Channel & Group Activation
The GS2972 embeds Primary group packets when any of the following host interface
bits are set and the associated audio group enable pin is HIGH:
ACT1 Embed Primary group audio channel 1
ACT2 Embed Primary group audio channel 2
ACT3 Embed Primary group audio channel 3
ACT4 Embed Primary group audio channel 4
If none of the bits are set, then no audio will be embedded.
The GS2972 will embed Secondary group packets when any of the following host
interface bits are set and the associated audio group enable pin is HIGH:
ACT5 Embed Secondary group audio channel 1
ACT6 Embed Secondary group audio channel 2
ACT7 Embed Secondary group audio channel 3
ACT8 Embed Secondary group audio channel 4
When an embedded packet contains one or more channels with the ACTx bit set to zero,
the GS2972 replaces the data for those channels with null samples (all bits set to zero).
In the default state, the GS2972 embeds all audio channels in accordance with the
setting of the respective audio group enable pins of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com