Electronic Components Datasheet Search
  English  ▼

X  

GS2972 Datasheet(PDF) 22 Page - Semtech Corporation

Part # GS2972
Description  3G/HD/SD-SDI Serializer with Complete SMPTE Audio & Video Support
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2972 Datasheet(HTML) 22 Page - Semtech Corporation

Back Button GS2972 Datasheet HTML 18Page - Semtech Corporation GS2972 Datasheet HTML 19Page - Semtech Corporation GS2972 Datasheet HTML 20Page - Semtech Corporation GS2972 Datasheet HTML 21Page - Semtech Corporation GS2972 Datasheet HTML 22Page - Semtech Corporation GS2972 Datasheet HTML 23Page - Semtech Corporation GS2972 Datasheet HTML 24Page - Semtech Corporation GS2972 Datasheet HTML 25Page - Semtech Corporation GS2972 Datasheet HTML 26Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 125 page
background image
GS2972 3G/HD/SD-SDI Serializer with Complete
SMPTE Audio & Video Support
Final Data Sheet
Rev. 9
GENDOC-047479
September 2013
22 of 125
www.semtech.com
Total Device Power
(IO_VDD = +3.3V)
P3D3
10bit 3G
−
430
600
mW
−
20bit 3G
−
450
610
mW
−
10/20bit HD
−
420
550
mW
−
10/20bit SD
−
320
450
mW
−
DVB_ASI
−
320
450
mW
−
Reset
−
230
−
mW
−
Standby
−
110
180
mW
1
Digital I/O
Input Logic LOW
VIL
+3.3V or +1.8V operation
IO_VSS-0.3
−
0.3 x
IO_VDD
V
−
Input Logic HIGH
VIH
+3.3V or +1.8V operation
0.7 x
IO_VDD
−
IO_VDD+0.3
V
−
Output Logic LOW
VOL
IOL=5mA, +1.8V operation
−−
0.2
V
−
IOL=8mA, +3.3V operation
−−
0.4
V
−
Output Logic HIGH
VOH
IOH=-5mA, +1.8V operation
1.4
−
–V
−
IOH=-8mA, +3.3V operation
2.4
−
–V
−
Serial Output
Serial Output
Common Mode
Voltage
VCMOUT
75
Ω load, RSET = 750Ω
SD and HD mode
−
CD_VDD -
VSDD/2
−
V
−
Note:
1. Devices manufactured prior 1to April 1, 2011 consume 150mW of power in Standby mode.
Table 2-3: DC Electrical Characteristics (Continued)
VCC = +3.3V ±5%, TA = -20°C to +85°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com