Electronic Components Datasheet Search
  English  ▼

X  

GD25Q32C Datasheet(PDF) 17 Page - ELM Electronics

Part # GD25Q32C
Description  32M-bit Serial Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q32C Datasheet(HTML) 17 Page - ELM Electronics

Back Button GD25Q32C Datasheet HTML 13Page - ELM Electronics GD25Q32C Datasheet HTML 14Page - ELM Electronics GD25Q32C Datasheet HTML 15Page - ELM Electronics GD25Q32C Datasheet HTML 16Page - ELM Electronics GD25Q32C Datasheet HTML 17Page - ELM Electronics GD25Q32C Datasheet HTML 18Page - ELM Electronics GD25Q32C Datasheet HTML 19Page - ELM Electronics GD25Q32C Datasheet HTML 20Page - ELM Electronics GD25Q32C Datasheet HTML 21Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
17
Rev.1.0
50 -
http://www.elm-tech.com
GD25Q32CxIGx 3.3V Uniform Sector Dual and Quad Serial Flash
Protect (SRP1 and SRP0) bits in accordance with the Write Protect (WP#) signal. The Status Register Protect
(SRP1 and SRP0) bits and Write Protect (WP#) signal allow the device to be put in the Hardware Protected
Mode. The Write Status Register (WRSR) command is not executed once the Hardware Protected Mode is
entered.
Figure 6. Write Status Register Sequence Diagram
7.6. Read Data Bytes (READ) (03H)
The Read Data Bytes (READ) command is followed by a 3-byte address (A23-A0), each bit being latched-in
during the rising edge of SCLK. Then the memory content, at that address, is shifted out on SO, each bit being
shifted out, at a Max frequency fR, during the falling edge of SCLK. The first byte addressed can be at any
location. The address is automatically incremented to the next higher address after each byte of data is shifted
out. The whole memory can, therefore, be read with a single Read Data Bytes (READ) command. Any Read
Data Bytes (READ) command, while an Erase, Program or Write cycle is in progress, is rejected without having
any effects on the cycle that is in progress.
Figure 7. Read Data Bytes Sequence Diagram
Command
0 1 2 3 4 5 6 7
03H
CS#
SCLK
SI
SO
High-Z
8 9 10
28 29 30 31 32
MSB
3 2 1 0
34 35 36 37
33
23 22 21
7 6 5 4 3 2 1 0
38 39
24-bit address
MSB
Data Out1
Data Out2
7.7. Read Data Bytes at Higher Speed (Fast Read) (0BH)
The Read Data Bytes at Higher Speed (Fast Read) command is for quickly reading data out. It is followed by
a 3-byte address (A23-A0) and a dummy byte, each bit being latched-in during the rising edge of SCLK. Then
the memory content, at that address, is shifted out on SO, each bit being shifted out, at a Max frequency fC,
during the falling edge of SCLK. The first byte addressed can be at any location. The address is automatically
incremented to the next higher address after each byte of data is shifted out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com