Electronic Components Datasheet Search
  English  ▼

X  

GD25Q32C Datasheet(PDF) 34 Page - ELM Electronics

Part # GD25Q32C
Description  32M-bit Serial Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q32C Datasheet(HTML) 34 Page - ELM Electronics

Back Button GD25Q32C Datasheet HTML 30Page - ELM Electronics GD25Q32C Datasheet HTML 31Page - ELM Electronics GD25Q32C Datasheet HTML 32Page - ELM Electronics GD25Q32C Datasheet HTML 33Page - ELM Electronics GD25Q32C Datasheet HTML 34Page - ELM Electronics GD25Q32C Datasheet HTML 35Page - ELM Electronics GD25Q32C Datasheet HTML 36Page - ELM Electronics GD25Q32C Datasheet HTML 37Page - ELM Electronics GD25Q32C Datasheet HTML 38Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
34
Rev.1.0
50 -
http://www.elm-tech.com
GD25Q32CxIGx 3.3V Uniform Sector Dual and Quad Serial Flash
Figure 31. Read Identification ID Sequence Diagram
7.27. High Performance Mode (HPM) (A3H)
The High Performance Mode (HPM) command must be executed prior to Dual or Quad I/O commands when
operating at high frequencies (see fR and fC1 in AC Electrical Characteristics). This command allows pre-
charging of internal charge pumps so the voltages required for accessing the flash memory array are readily
available. The command sequence: CS# goes low → Sending A3H command → Sending 3-dummy byte →
CS# goes high. See Figure32. After the HPM command is executed, the device will maintain a slightly higher
standby current (Icc8) than standard SPI operation. The Release from Power-Down or HPM command (ABH)
can be used to return to standard SPI standby current (Icc1). In addition, Power-Down command (B9H) will
also release the device from HPM mode back to standard SPI standby state.
Figure 32. High Performance Mode Sequence Diagram
Command
0 1 2 3 4 5 6 7
A3H
CS#
SCLK
SI
8 9
29 30 31
MSB
2 1 0
3 Dummy Bytes
23 22
SO
High Performance Mode
HPM
t
7.28. Program/Erase Suspend (PES) (75H)
The Program/Erase Suspend command “75H”, allows the system to interrupt a page program or sector/
block erase operation and then read data from any other sector or block. The Write Status Register command
(01H/31H/11H) and Erase/Program Security Registers command (44H, 42H) and Erase commands (20H, 52H,
D8H, C7H, 60H) and Page Program command (02H/32H) are not allowed during Program/Erase suspend.
Program/Erase Suspend is valid only during the page program or sector/block erase operation. A maximum of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com