Electronic Components Datasheet Search
  English  ▼

X  

GD25Q32C Datasheet(PDF) 30 Page - ELM Electronics

Part # GD25Q32C
Description  32M-bit Serial Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q32C Datasheet(HTML) 30 Page - ELM Electronics

Back Button GD25Q32C Datasheet HTML 26Page - ELM Electronics GD25Q32C Datasheet HTML 27Page - ELM Electronics GD25Q32C Datasheet HTML 28Page - ELM Electronics GD25Q32C Datasheet HTML 29Page - ELM Electronics GD25Q32C Datasheet HTML 30Page - ELM Electronics GD25Q32C Datasheet HTML 31Page - ELM Electronics GD25Q32C Datasheet HTML 32Page - ELM Electronics GD25Q32C Datasheet HTML 33Page - ELM Electronics GD25Q32C Datasheet HTML 34Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
30
Rev.1.0
50 -
http://www.elm-tech.com
GD25Q32CxIGx 3.3V Uniform Sector Dual and Quad Serial Flash
code on SI. CS# must be driven low for the entire duration of the sequence.
The Deep Power-Down command sequence: CS# goes low → sending Deep Power-Down command → CS#
goes high. The command sequence is shown in Figure25. CS# must be driven high after the eighth bit of the
command code has been latched in; otherwise the Deep Power-Down (DP) command is not executed. As soon
as CS# is driven high, it requires a delay of tDP before the supply current is reduced to ICC2 and the Deep Power-
Down Mode is entered. Any Deep Power-Down (DP) command, while an Erase, Program or Write cycle is in
progress, is rejected without having any effects on the cycle that is in progress.
Figure 25. Deep Power-Down Sequence Diagram
Command
0 1 2 3 4 5 6 7
B9H
CS#
SCLK
SI
tDP
Stand-by mode Deep Power-down mode
7.22. Release from Deep Power-Down or High Performance Mode and Read Device ID (RDI) (ABH)
The Release from Power-Down or High Performance Mode/Device ID command is a multi-purpose command.
It can be used to release the device from the Power-Down state or High Performance Mode or obtain the devices
electronic identification (ID) number.
To release the device from the Power-Down state or High Performance Mode, the command is issued by driving
the CS# pin low, shifting the instruction code “ABH” and driving CS# high as shown in Figure26. Release from
Power-Down will take the time duration of tRES1 (See AC Characteristics) before the device will resume normal
operation and other command are accepted. The CS# pin must remain high during the tRES1 time duration.
When used only to obtain the Device ID while not in the Power-Down state, the command is initiated by
driving the CS# pin low and shifting the instruction code “ABH” followed by 3-dummy byte. The Device ID
bits are then shifted out on the falling edge of SCLK with most significant bit (MSB) first as shown in Figure27.
The Device ID value for the GD25Q32C is listed in Manufacturer and Device Identification table. The Device
ID can be read continuously. The command is completed by driving CS# high.
When used to release the device from the Power-Down state and obtain the Device ID, the command is the
same as previously described, and shown in Figure27, except that after CS# is driven high it must remain high
for a time duration of tRES2 (See AC Characteristics). After this time duration the device will resume normal
operation and other command will be accepted. If the Release from Power-Down/Device ID command is issued
while an Erase, Program or Write cycle is in process (when WIP equal 1) the command is ignored and will not
have any effects on the current cycle.
Figure 26. Release Power-Down Sequence or High Performance Mode Sequence Diagram
Command
0 1 2 3 4 5 6 7
ABH
CS#
SCLK
SI
RES1
Stand-by mode
Deep Power-down mode
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com