Electronic Components Datasheet Search
  English  ▼

X  

GD25Q32C Datasheet(PDF) 20 Page - ELM Electronics

Part # GD25Q32C
Description  32M-bit Serial Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q32C Datasheet(HTML) 20 Page - ELM Electronics

Back Button GD25Q32C Datasheet HTML 16Page - ELM Electronics GD25Q32C Datasheet HTML 17Page - ELM Electronics GD25Q32C Datasheet HTML 18Page - ELM Electronics GD25Q32C Datasheet HTML 19Page - ELM Electronics GD25Q32C Datasheet HTML 20Page - ELM Electronics GD25Q32C Datasheet HTML 21Page - ELM Electronics GD25Q32C Datasheet HTML 22Page - ELM Electronics GD25Q32C Datasheet HTML 23Page - ELM Electronics GD25Q32C Datasheet HTML 24Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
20
Rev.1.0
50 -
http://www.elm-tech.com
GD25Q32CxIGx 3.3V Uniform Sector Dual and Quad Serial Flash
Figure 11. Dual I/O Fast Read Sequence Diagram (M5-4 ≠ (1, 0))
Figure 11. Dual I/O Fast Read Sequence Diagram (M5-4� (1, 0))
Figure 12. Dual I/O Fast Read Sequence Diagram (M5-4 = (1, 0))
Figure 12. Dual I/O Fast Read Sequence Diagram (M5-4= (1, 0))
7.11. Quad I/O Fast Read (EBH)
The Quad I/O Fast Read command is similar to the Dual I/O Fast Read command but with the capability to
input the 3-byte address (A23-0) and a “Continuous Read Mode” byte and 4-dummy clock 4-bit per clock
by IO0, IO1, IO2, IO3, each bit being latched in during the rising edge of SCLK, then the memory contents
are shifted out 4-bit per clock cycle from IO0, IO1, IO2, IO3. The command sequence is shown in followed
Figure13. The first byte addressed can be at any location. The address is automatically incremented to the next
higher address after each byte of data is shifted out. The Quad Enable bit (QE) of Status Register (S9) must
be set to enable for the Quad I/O Fast read command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com