Electronic Components Datasheet Search
  English  ▼

X  

GD25Q32C Datasheet(PDF) 42 Page - ELM Electronics

Part # GD25Q32C
Description  32M-bit Serial Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q32C Datasheet(HTML) 42 Page - ELM Electronics

Back Button GD25Q32C Datasheet HTML 38Page - ELM Electronics GD25Q32C Datasheet HTML 39Page - ELM Electronics GD25Q32C Datasheet HTML 40Page - ELM Electronics GD25Q32C Datasheet HTML 41Page - ELM Electronics GD25Q32C Datasheet HTML 42Page - ELM Electronics GD25Q32C Datasheet HTML 43Page - ELM Electronics GD25Q32C Datasheet HTML 44Page - ELM Electronics GD25Q32C Datasheet HTML 45Page - ELM Electronics GD25Q32C Datasheet HTML 46Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 50 page
background image
42
Rev.1.0
50 -
http://www.elm-tech.com
GD25Q32CxIGx 3.3V Uniform Sector Dual and Quad Serial Flash
Table5. Parameter Table (1): ELM Flash Parameter Tables
Description
Comment
Add(H)
(Byte)
DW Add
(Bit)
Data
Data
Vcc Supply Maximum Voltage
2000H=2.000V
2700H=2.700V
3600H=3.600V
61H:60H
15:00
3600H
3600H
Vcc Supply Minimum Voltage
1650H=1.650V
2250H=2.250V
2350H=2.350V
2700H=2.700V
63H:62H
31:16
2700H
2700H
HW Reset# pin
0=not support; 1=support
65H:64H
00
0b
F99EH
HW Hold# pin
0=not support; 1=support
01
1b
Deep Power Down Mode
0=not support; 1=support
02
1b
SW Reset
0=not support; 1=support
03
1b
SW Reset Opcode
Should be issue Reset
Enable(66H) before Reset cmd.
11:04 1001 1001b
(99H)
Program Suspend/Resume
0=not support; 1=support
12
1b
Erase Suspend/Resume
0=not support; 1=support
13
1b
Unused
14
1b
Wrap-Around Read mode
0=not support; 1=support
15
1b
Wrap-Around Read mode
Opcode
66H
23:16
77H
77H
Wrap-Around Read data length
08H: support 8B wrap-around
read
16H: 8B & 16B
32H: 8B & 16B & 32B
64H: 8B & 16B & 32B & 64B
67H
31:24
64H
64H
Individual block lock
0=not support; 1=support
6BH:68H
00
0b
EBFCH
Individual block lock bit
(Volatile/Nonvolatile)
0=Volatile; 1=Nonvolatile
01
0b
Individual block lock Opcode
09:02
FFH
Individual block lock Volatile
protect bit default protect status 0=protect; 1=unprotect
10
0b
Secured OTP
0=not support; 1=support
11
1b
Read Lock
0=not support; 1=support
12
0b
Permanent Lock
0=not support; 1=support
13
1b
Unused
15:14
11b
Unused
31:16
FFFFH
FFFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com