Electronic Components Datasheet Search
  English  ▼

X  

GD25Q32C Datasheet(PDF) 37 Page - ELM Electronics

Part # GD25Q32C
Description  32M-bit Serial Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q32C Datasheet(HTML) 37 Page - ELM Electronics

Back Button GD25Q32C Datasheet HTML 33Page - ELM Electronics GD25Q32C Datasheet HTML 34Page - ELM Electronics GD25Q32C Datasheet HTML 35Page - ELM Electronics GD25Q32C Datasheet HTML 36Page - ELM Electronics GD25Q32C Datasheet HTML 37Page - ELM Electronics GD25Q32C Datasheet HTML 38Page - ELM Electronics GD25Q32C Datasheet HTML 39Page - ELM Electronics GD25Q32C Datasheet HTML 40Page - ELM Electronics GD25Q32C Datasheet HTML 41Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
37
Rev.1.0
50 -
http://www.elm-tech.com
GD25Q32CxIGx 3.3V Uniform Sector Dual and Quad Serial Flash
Figure 36. Program Security Registers command Sequence Diagram
Command
0 1 2 3 4 5 6 7
42H
CS#
SCLK
SI
8 9 10
28 29 30 31
3 2 1 0
23 22 21
24-bit address
42 43 44 45
41
46 47
40
50 51 52 53
49
54 55
48
6 5 4 3 2 1 0
7
CS#
SCLK
SI
MSB
Data Byte 2
32 33 34 35
7 6 5 4 3 2 1 0
MSB
6 5 4 3 2 1 0
7
6 5 4 3 2 1 0
7
Data Byte 1
Data Byte 3
Data Byte 256
MSB
MSB
MSB
36 37 38 39
7.32. Read Security Registers (48H)
The Read Security Registers command is similar to Fast Read command. The command is followed by a
3-byte address (A23-A0) and a dummy byte, each bit being latched-in during the rising edge of SCLK. Then
the memory content, at that address, is shifted out on SO, each bit being shifted out, at a Max frequency fC,
during the falling edge of SCLK. The first byte addressed can be at any location. The address is automatically
incremented to the next higher address after each byte of data is shifted out. Once the A9-A0 address reaches the
last byte of the register (Byte 3FFH), it will reset to 000H, the command is completed by driving CS# high.
Address
A23-A16
A15-A12
A11-A10
A9-A0
Security Register #1
00H
0 0 0 1
0 0
Byte Address
Security Register #2
00H
0 0 1 0
0 0
Byte Address
Security Register #3
00H
0 0 1 1
0 0
Byte Address
Figure 37. Read Security Registers command Sequence Diagram
Command
0 1 2 3 4 5 6 7
48H
CS#
SCLK
SI
SO
High-Z
8 9 10
28 29 30 31
3 2 1 0
23 22 21
24-bit address
MSB
34 35 36 37
33
6 5 4 3 2 1 0
38 39
Data Out1
32
42 43 44 45
41
46 47
40
7
6 5 4 3 2 1 0
7
6 5
7
Data Out2
CS#
SCLK
SI
SO
MSB
Dummy Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com