Electronic Components Datasheet Search
  English  ▼

X  

SLK2501 Datasheet(PDF) 5 Page - Texas Instruments

Part # SLK2501
Description  OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLK2501 Datasheet(HTML) 5 Page - Texas Instruments

  SLK2501 Datasheet HTML 1Page - Texas Instruments SLK2501 Datasheet HTML 2Page - Texas Instruments SLK2501 Datasheet HTML 3Page - Texas Instruments SLK2501 Datasheet HTML 4Page - Texas Instruments SLK2501 Datasheet HTML 5Page - Texas Instruments SLK2501 Datasheet HTML 6Page - Texas Instruments SLK2501 Datasheet HTML 7Page - Texas Instruments SLK2501 Datasheet HTML 8Page - Texas Instruments SLK2501 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
SLK2501
OC48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLLS502A – OCTOBER 2001 – REVISED NOVEMBER 2001
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions(Continued)
control/status pins
TERMINAL
TYPE
DESCRIPTION
NAME
NO.
TYPE
DESCRIPTION
RSEL0, RSEL1
39
38
TTL input (with pulldown)
Data rate configuration pins. Put the device under one of the four data rate operations:
OC-48, OC-24, OC-12 or OC-3.
CONFIG0,
CONFIG1
17
18
TTL input (with pulldown)
Configuration pins. Put the device under one of the four operation modes: TX only, RX
only, transceiver, or repeater mode.
PRE1,
PRE2
4
5
TTL input (with pulldown)
Programmable preemphasis control. Combinations of these two bits can be used to
optimize serial data transmission.
RESET
48
TTL input
TXFIFO and LOL reset pin. Low is reset and high is normal operation.
AUTO_DETECT
34
TTL input (with pulldown)
Data rate autodetect enable. Enable the autodetection function for different data rates.
LLOOP
53
TTL input (with pulldown)
Local loopback enable. When high, the serial output is internally looped back to its
serial input
RLOOP
54
TTL input (with pulldown)
Remote loopback enable. When high, the serial input is internally looped back to its
serial output with the timing extracted from the serial data.
ENABLE
44
TTL input (with pullup)
Standby enable. When this pin is held low, the device is disabled for IDDQ testing.
When high, the device operates normally.
FRAME_EN
27
TTL input (with pullup)
Frame sync enable. When this pin is asserted high, the frame synchronization circuit
for byte alignment is turned on.
PRBSEN
41
TTL input (with pulldown)
PRBS testing enable. When this pin is asserted high, the device is put into the PRBS
testing mode.
SIGDET
20
TTL input (with pulldown)
Signal detect. This pin is generally connected to the output of an optical receiver. This
signal may be active high or active low depending on the optical receiver. The SIGDET
input is XORed with the PS pin to select the active state. When SIGDET is in the
inactive state, data is processed normally. When activated, indicating a loss of signal
event, the transmitter transmits all zeroes and force the LOS signal to go high.
PS
21
TTL input (with pulldown)
Polarity select. This pin, used with the SIGDET pin, sets the polarity of SIGSET. When
high, SIGDET is an active low signal. When low, SIGDET is an active high signal.
RX_MONITOR
47
TTL input (with pulldown)
RX parallel data monitor in repeater mode. This pin is only used when the device is put
under repeater mode. When high, the RX demux circuit is enabled and the parallel data
is presented. When low, the demux is shut down to save power.
LCKREFN
24
TTL input (with pullup)
Lock to reference. When low, RXCLKP/N output is forced to lock to REFCLK. When
high, RXCLKP/N is the divided down clock extracted from the receive serial data.
LOOPTIME
51
TTL input (with pulldown)
Loop timing mode. When high, the PLL for clock synthesizer is bypassed. The
recovered clock timing is used to send the transmit data.
TESTEN
43
TTL input (with pulldown)
Production test mode enable. This pin should be left unconnected or tied low.
RATEOUT0,
RATEOUT1
37
36
TTL output
Autorate detection outputs. When AUTO_DETECT is high, the autodetection circuit
generates these two bits to indicate the data rates for the downstream device.
LOL
45
TTL output
Loss of lock. When the clock recovery loop has locked to the input data stream and the
phase differs by less than 100 ppm from REFCLK then LOL is high. When the phase of
the input data stream differs by more than 100 ppm from REFCLK, then LOL is low. If
the difference is too big (> 500 ppm), the LOL output is not valid.
LOS
46
TTL output
Loss of signal. When no transitions appear on the input data stream for more than
2.3
µs, a loss of signal occurs and LOS goes high. The device also transmits all zeroes
downstream using REFCLK as its clock source. When a valid SONET signal is
received the LOS signal goes low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com