Electronic Components Datasheet Search
  English  ▼

X  

SLK2501 Datasheet(PDF) 15 Page - Texas Instruments

Part # SLK2501
Description  OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLK2501 Datasheet(HTML) 15 Page - Texas Instruments

Back Button SLK2501 Datasheet HTML 11Page - Texas Instruments SLK2501 Datasheet HTML 12Page - Texas Instruments SLK2501 Datasheet HTML 13Page - Texas Instruments SLK2501 Datasheet HTML 14Page - Texas Instruments SLK2501 Datasheet HTML 15Page - Texas Instruments SLK2501 Datasheet HTML 16Page - Texas Instruments SLK2501 Datasheet HTML 17Page - Texas Instruments SLK2501 Datasheet HTML 18Page - Texas Instruments SLK2501 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
SLK2501
OC48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLLS502A – OCTOBER 2001 – REVISED NOVEMBER 2001
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PLL performance specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PLL startup lock time
VDD, VDDC = 2.3 V, After REFCLK is stable
1
ms
Acquisition lock time
Valid SONET signal or PRBS OC-48
2031
Bit
Times
serial transmitter/receiver characteristics
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
Vodd = |STXDOP–STXDON| transmit
PRE1 = 0,
PRE2 = 0,
Rt = 50,
See Table 4 and Figure 1
650
850
1000
mV
Vodd = |STXDOP–STXDON|, transmit
differential output voltage under
PRE1 = 1,
PRE2 = 0
550
750
900
differential out ut voltage under
preemphasis
PRE1 = 0,
PRE2 = 1
540
700
860
mV
PRE1 = 1,
PRE2 = 1
500
650
800
mV
V(CMT)
Transmit common mode voltage range
Rt = 50
Ω
1100
1250
1400
mV
Receiver Input voltage requirement,
Vid=|SRXDIP–SRXDIN|
150
mV
V(CMR)
Receiver common mode voltage range
1100
1250
2250
mV
Il
Receiver input leakage
–550
550
µA
Rl
Receiver differential impedance
80
100
120
Ω
CI
Receiver input capacitance
1
pF
td(TX_Latency)
50
Bit
td(RX_Latency)
50
Bit
Times
serial differential switching characteristics over recommended operating conditions (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tt
Differential signal rise time (20% to 80%)
RL = 50 Ω,
80
100
140
ps
tj
Output jitter
Jitter-free data,
12 kHz to 20 MHz, RLOOP = 1
0.05
0.1
UI(pp)
Jitter tolerance
RLOOP = 1
See Figure 3
Jitter transfer
RLOOP = 1
See Figure 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com