Electronic Components Datasheet Search
  English  ▼

X  

SLK2501 Datasheet(PDF) 7 Page - Texas Instruments

Part # SLK2501
Description  OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLK2501 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SLK2501 Datasheet HTML 3Page - Texas Instruments SLK2501 Datasheet HTML 4Page - Texas Instruments SLK2501 Datasheet HTML 5Page - Texas Instruments SLK2501 Datasheet HTML 6Page - Texas Instruments SLK2501 Datasheet HTML 7Page - Texas Instruments SLK2501 Datasheet HTML 8Page - Texas Instruments SLK2501 Datasheet HTML 9Page - Texas Instruments SLK2501 Datasheet HTML 10Page - Texas Instruments SLK2501 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
SLK2501
OC48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLLS502A – OCTOBER 2001 – REVISED NOVEMBER 2001
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
detailed description
The SLK2501 is designed to support OC-48/24/12/3. The operating data speed can be configured through
RSEL0 and RSEL1 pins as indicated in Table 1.
Table 1. Data Rate Select
SERIAL DATA RATE
RSEL0
RSEL1
PARALLEL LVDS DATA RATE
TXCLK/RXCLK
OC-48:2.488 Gb/s
0
0
622.08 Mbps
622.08 MHz
OC-24:1.244 Gb/s
1
0
311.04 Mbps
311.04 MHz
OC-12:622 Mb/s
0
1
155.52 Mbps
155.52 MHz
OC-3:155.52 Mb/s
1
1
38.88 Mbps
38.88 MHz
The user can also enable the autorate detection circuitry through the AUTO_DETECT pin. The device
automatically detects the OC-N of the data line rate and generates two bits of output to indicate the data rate
to other devices in the system. When using AUTO_DETECT, RSEL0 and RSEL1 need to be set to 00 or be
unconnected.
Table 2. Data Rate Reporting Under Autorate Detection Mode
SERIAL DATA RATE
RATEOUT0
RATEOUT1
PARALLEL LVDS DATA RATE
TXCLK/RXCLK
OC-48:2.488 Gb/s
0
0
622.08 Mbps
622.08 MHz
OC-24:1.244 Gb/s
1
0
311.04 Mbps
311.04 MHz
OC-12:622 Mb/s
0
1
155.52 Mbps
155.52 MHz
OC-3:155.52 Mb/s
1
1
38.88 Mbps
38.88 MHz
The SLK2501 has four operational modes controlled by two configuration pins. These operational modes are
listed in Table 3. When the device is put in a certain mode, unused circuit blocks are powered down to conserve
the system power.
While the transceiver mode, transmit only mode, and receive only mode are straightforward, the repeater mode
of operation is shown in Figure 5. The receive serial data is recovered by the extracted clock, and it is then sent
back out on the transmit serial outputs. The data eye is open both vertically and horizontally in this process. In
the repeater mode, user can select to turn on the RX demux function through RX_MONITOR pin and allow the
parallel data to be presented. This feature enables the repeater device not only to repeat but also to listen in.
Table 3. Operational Modes
MODE
CONFIG0
CONFIG1
DESCRIPTION
1
0
0
Full duplex transceiver mode
2
0
1
Transmit only mode
3
1
0
Receive only mode
4
1
1
Repeater mode
high-speed electrical interface
The high-speed serial I/O uses a PECL compatible interface. The line could be directly coupled or ac-coupled.
Refer to Figures 10 and 11 for configuration details. As shown in the figures, an on-chip 100-
Ω termination
resistor is placed differentially at the receive end.
The PECL output also provide preemphasis for compensating ac loss when driving a cable or PCB backplane
over long distance. The level of the preemphasis is programmable via PRE1 and PRE2 pins. Users can use
software to control the strength of the preemphasis to optimize the device for a specific system requirement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com