Electronic Components Datasheet Search
  English  ▼

X  

SLK2501 Datasheet(PDF) 6 Page - Texas Instruments

Part # SLK2501
Description  OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLK2501 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SLK2501 Datasheet HTML 2Page - Texas Instruments SLK2501 Datasheet HTML 3Page - Texas Instruments SLK2501 Datasheet HTML 4Page - Texas Instruments SLK2501 Datasheet HTML 5Page - Texas Instruments SLK2501 Datasheet HTML 6Page - Texas Instruments SLK2501 Datasheet HTML 7Page - Texas Instruments SLK2501 Datasheet HTML 8Page - Texas Instruments SLK2501 Datasheet HTML 9Page - Texas Instruments SLK2501 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
SLK2501
OC48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLLS502A – OCTOBER 2001 – REVISED NOVEMBER 2001
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions(Continued)
control/status pins (continued)
TERMINAL
TYPE
DESCRIPTION
NAME
NO.
TYPE
DESCRIPTION
PRBSPASS
42
TTL output
PRBS test result. This pin reports the status of the PRBS test results (High = pass).
When PRBSEN is disabled, the PRBSPASS pin is set low. When PRBSEN is enabled
and a valid PRBS is received, then the PRBSPASS pin is set high.
PAR_VALID
2
TTL output
Parity checker output. The internal parity checker on the parallel side of the transmitter
checks for even parity. If there is a parity error, the pin is pulsed low for two clock cycles.
SPILL
49
TTL output
TX FIFO collision output
voltage supply and reserved pins
TERMINAL
TYPE
DESCRIPTION
NAME
NO.
TYPE
DESCRIPTION
VDDLVDS
62, 72, 75, 78,
90, 91, 92, 97
Supply
LVDS supply voltage (2.5 V)
GNDLVDS
61, 69, 76, 77,
89, 93, 96, 100
Ground
LVDS ground
VDD
3, 22, 25, 29,
32, 35, 50
Supply
Digital logic supply voltage (2.5 V)
GND
1, 6, 19, 23, 26,
28, 30, 31, 33,
40
Ground
Digital logic ground
VDDA
7, 16
Supply
Analog voltage supply (2.5 V)
GNDA
10, 13
Ground
Analog ground
VDDPLL
11
Supply
PLL voltage supply (2.5 V)
GNDPLL
12
Supply
PLL ground
RSVD
52
Reserved
This pin needs to be tied to ground or left floating for normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com