Electronic Components Datasheet Search
  English  ▼

X  

SLK2501 Datasheet(PDF) 10 Page - Texas Instruments

Part # SLK2501
Description  OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLK2501 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SLK2501 Datasheet HTML 6Page - Texas Instruments SLK2501 Datasheet HTML 7Page - Texas Instruments SLK2501 Datasheet HTML 8Page - Texas Instruments SLK2501 Datasheet HTML 9Page - Texas Instruments SLK2501 Datasheet HTML 10Page - Texas Instruments SLK2501 Datasheet HTML 11Page - Texas Instruments SLK2501 Datasheet HTML 12Page - Texas Instruments SLK2501 Datasheet HTML 13Page - Texas Instruments SLK2501 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
SLK2501
OC48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLLS502A – OCTOBER 2001 – REVISED NOVEMBER 2001
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
jitter tolerance (continued)
f0
f1
f2
f3
f4
Frequency – Hz
A3
A2
A1
Slope = –20 dB / Decade
Slope = –20 dB / Decade
OC-N/STS-N
LEVEL
f0
(Hz)
F1
(Hz)
F2
(Hz)
F3
(kHz)
F4
(kHz)
A1
(Ulpp)
A2
(Ulpp)
A3
(Ulpp)
3
10
30
300
6.5
65
0.15
1.5
15
12
10
30
300
25
250
0.15
1.5
15
24
Not specified
48
10
600
6000
100
1000
0.15
1.5
15
Figure 3. Input Jitter Tolerance
jitter generation
The jitter of a serial clock and serial data outputs must not exceed 0.01 UI rms/0.1 UIp-p when a serial data with
no jitter is presented to the inputs. The measurement bandwidth for intrinsic jitter is 12-kHz to 20-MHz.
loop timing mode
When LOOPTIME is high, the clock synthesizer used to serialize the transmit data is bypassed and the timing
is provided by the recovered clock. However, REFCLK is still needed for the recovery loop operation.
loss of lock indicator
The SLK2501 has a lock detection circuit to monitor the integrity of the data input. When the clock recovery loop
is locked to the input serial data stream, the LOL signal goes high. If the recovered clock frequency deviates
from the reference clock frequency by more than 100 ppm, LOL goes low. If the data stream clock rate deviates
by more than 170 ppm, loss of lock occurs. If the data streams clock rate deviates more than 500 ppm from the
local reference clock, the LOL output status might be unstable. Upon power up, the LOL goes low until the PLL
is close to phase lock with the local reference clock.
loss of signal
The loss of signal (LOS) alarm is set high when no transitions appear in the input data path for more than 2.3
µs.
The LOS signal becomes active when the above condition occurs. If the serial inputs of the device are
ac-coupled to its source, the ac-couple cap needs to be big enough to maintain a signal level above the threshold
of the receiver for the 2.3
µs no transition period. Once activated, the LOS alarm pin is latched high until the
receiver detects an A1A2 pattern. The recovered clock (RXCLK) is automatically locked to the local reference
when LOS occurs. The parallel data (RXDATAx) may still be processed even when LOS is activated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com