Electronic Components Datasheet Search
  English  ▼

X  

SLK2501 Datasheet(PDF) 12 Page - Texas Instruments

Part # SLK2501
Description  OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLK2501 Datasheet(HTML) 12 Page - Texas Instruments

Back Button SLK2501 Datasheet HTML 8Page - Texas Instruments SLK2501 Datasheet HTML 9Page - Texas Instruments SLK2501 Datasheet HTML 10Page - Texas Instruments SLK2501 Datasheet HTML 11Page - Texas Instruments SLK2501 Datasheet HTML 12Page - Texas Instruments SLK2501 Datasheet HTML 13Page - Texas Instruments SLK2501 Datasheet HTML 14Page - Texas Instruments SLK2501 Datasheet HTML 15Page - Texas Instruments SLK2501 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
SLK2501
OC48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLLS502A – OCTOBER 2001 – REVISED NOVEMBER 2001
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
detailed description (continued)
1:4 Serial to
Parallel
4:1 Parallel to
Serial
RXDATA (3–0)
RXCLK
TXDATA (3–0)
TXCLK
2.488 GHz
PLL
D
D
SRXDIP
SRXDIN
LLOOP
STXDOP
STXDON
Recovered Clock
Figure 4. Local Loopback Data Path
remote loopback
The RLOOP signal pin controls the remote loopback. When RLOOP is high the serial receive data is selected
and presented on the serial transmit data output pins. The serial received data is also demultiplexed and
presented on the parallel receive data pins. The remote loop can be enabled only when the device is under
transceiver mode. When the device is put under the repeater mode with RX_MONITOR high, it performs the
same function as remote loopback.
1:4 Serial to
Parallel
4:1 Parallel to
Serial
RXDATA (3–0)
RXCLK
2.488 GHz
PLL
D
D
SRXDIP
SRXDIN
LLOOP
STXDOP
STXDON
Recovered Clock
Figure 5. Remote Loopback Data Path/Repeater Mode Operation
PRBS
The SLK2501 has two built-in pseudorandom bit stream (PRBS) functions. The PRBS generator is used to
transmit a PRBS signal. The PRBS verifier is used to check and verify a received PRBS signal.
When the PRBSEN pin is high, the PRBS generator and verifier are both enabled. A PRBS is generated and
fed into the parallel transmitter input bus. Data from the normal input source is ignored in PRBS mode. The
PBRS pattern is then fed through the transmitter circuitry as if it was normal data and sent out by the transmitter.
The output can be sent to a bit error rate tester (BERT) or to the receiver of another SLK2501. If an error occurs
in the PRBS pattern, the PRBSPASS pin is set low for two RXCLKP/N cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com